Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-TO-GPIO Datasheet(PDF) 39 Page - Texas Instruments

Part # USB-TO-GPIO
Description  USB Interface Adapter Evaluation Module
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

USB-TO-GPIO Datasheet(HTML) 39 Page - Texas Instruments

Back Button USB-TO-GPIO Datasheet HTML 35Page - Texas Instruments USB-TO-GPIO Datasheet HTML 36Page - Texas Instruments USB-TO-GPIO Datasheet HTML 37Page - Texas Instruments USB-TO-GPIO Datasheet HTML 38Page - Texas Instruments USB-TO-GPIO Datasheet HTML 39Page - Texas Instruments USB-TO-GPIO Datasheet HTML 40Page - Texas Instruments USB-TO-GPIO Datasheet HTML 41Page - Texas Instruments USB-TO-GPIO Datasheet HTML 42Page - Texas Instruments USB-TO-GPIO Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
B.1
Overview
B.2
Basic SMBUS Transaction Types Supported
B.3
Special Signals Used for PMBUS/SMBUS Communications
Appendix B
SLLU093 – August 2006
PMBUS/SMBUS Communications
This appendix describes the support for USB-to-PMBUS/SMBUS communications in
the USB Interface Adapter and how to use it for your applications.
The default firmware for USB Interface Adapter provides support for USB to PMBUS (revision 1.0) and
SMBUS (revision 2.0) communications. Similar to its I2C application, the USB Interface Adapter acts as a
PMBUS/SMBUS master, which can talk with one or multiple PMBUS/SMBUS slave devices daisy-chained
to a 10-pin ribbon cable.
Because PMBUS communication is derived from SMBUS communication, they share basic SMBUS
transaction types in common. These basic SMBUS transaction types include:
• Send byte
• Receive byte
• Write byte
• Read byte
• Write word
• Read word
• Block write
• Block read
• Process call
• Block read – block write process call
In addition, PMBUS communication also supports Group command.
All these commands are implemented in the USB Interface Adapter firmware.
Refer to Table 2-2 for special signal lines used for PMBUS/SMBUS communications.
Specifically, a slave device can assert an ALERT signal (by pulling it low) to report a fault or a warning
condition to the USB Interface Adapter; the host PC can obtain the ALERT signal by polling the USB
Interface Adapter. Note that the USB Interface Adapter does not support any Host Notify Protocol. This
means that the USB Interface Adapter cannot become a PMBUS/SMBUS slave and, therefore, cannot
support a slave to temporarily become a master and notify the host about the fault or the warning
condition.
For PMBUS communications, the USB Interface Adapter provides five CONTROL signals, each of which
can be used to enable/disable the powering up of one or multiple slave device(s).
Write Protect signal is not supported; neither is the RESET signal.
SLLU093 – August 2006
PMBUS/SMBUS Communications
39
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com