Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-TO-GPIO Datasheet(PDF) 40 Page - Texas Instruments

Part # USB-TO-GPIO
Description  USB Interface Adapter Evaluation Module
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

USB-TO-GPIO Datasheet(HTML) 40 Page - Texas Instruments

Back Button USB-TO-GPIO Datasheet HTML 36Page - Texas Instruments USB-TO-GPIO Datasheet HTML 37Page - Texas Instruments USB-TO-GPIO Datasheet HTML 38Page - Texas Instruments USB-TO-GPIO Datasheet HTML 39Page - Texas Instruments USB-TO-GPIO Datasheet HTML 40Page - Texas Instruments USB-TO-GPIO Datasheet HTML 41Page - Texas Instruments USB-TO-GPIO Datasheet HTML 42Page - Texas Instruments USB-TO-GPIO Datasheet HTML 43Page - Texas Instruments USB-TO-GPIO Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 50 page
background image
www.ti.com
B.4
Packet Error Checking (PEC) Implementation
B.5
Communication Clock Speed and Clock Stretching
B.6
Configuration of Pullup Resistors for ALERT, DATA, and CLOCK Lines
B.7
Limitations
Packet Error Checking (PEC) Implementation
By default, the USB Interface Adapter firmware implements PEC for all the different commands. However,
the implementation of PEC byte is optional. There is a special host PC to USB Interface Adapter
command that can be used to turn PEC on or off (see Section B.23).
If PEC is on or enabled, the firmware in the USB Interface Adapter either appends a PEC byte to a
command sent to one or multiple slave devices or checks the validity of a PEC byte received from a slave
device.
The default clock speed is 100 kHz, which is compatible with PMBUS 1.0 and SMBUS 2.0. For
compatibility with future PMBUS specs, the clock speed can be increased to 400 kHz (see Section 3.9).
For each PMBUS/SMBUS transaction, the accumulative time of clock stretching cannot be more 25 ms.
Refer to Section 3.8 for more details on this topic.
Because of the limited capabilities of the TUSB3210 USB peripheral chip, the USB Interface Adapter has
the following limitations:
• Extended Command is not supported. Only the first 256 commands are supported.
• For any block write or block read command, the number of data bytes is limited to 32 bytes only, even
though the PMBUS specs support up to 256 bytes of data per transaction.
• Address Resolution Protocol (ARP) is not supported, so no multiple masters are allowed.
• Host Notify Protocol is not supported (see Section B.3).
PMBUS/SMBUS Communications
40
SLLU093 – August 2006
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com