Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-TO-GPIO Datasheet(PDF) 21 Page - Texas Instruments

Part # USB-TO-GPIO
Description  USB Interface Adapter Evaluation Module
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

USB-TO-GPIO Datasheet(HTML) 21 Page - Texas Instruments

Back Button USB-TO-GPIO Datasheet HTML 17Page - Texas Instruments USB-TO-GPIO Datasheet HTML 18Page - Texas Instruments USB-TO-GPIO Datasheet HTML 19Page - Texas Instruments USB-TO-GPIO Datasheet HTML 20Page - Texas Instruments USB-TO-GPIO Datasheet HTML 21Page - Texas Instruments USB-TO-GPIO Datasheet HTML 22Page - Texas Instruments USB-TO-GPIO Datasheet HTML 23Page - Texas Instruments USB-TO-GPIO Datasheet HTML 24Page - Texas Instruments USB-TO-GPIO Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
www.ti.com
Compliant Versioning
To implement this versioning scheme properly, a Windows™ application calls a Firmware Version
command that, along with some others, is reserved and must be present in each implementation of the
device. If the Family Code does not match the code that the application is looking for, it should not
assume anything about what protocols are supported. The Family Code should immediately attempt to
reprogram the firmware with its own version (binary image distributed with the application).
A Windows application that correlates Family Code and Major Version with the firmware implementation
should then, theoretically, only have to check that the Minor Version is greater than or equal to its target
Minor Version. A firmware programmer should be careful to never remove functionality from an
implementation with the same Family Code/Major Version, or an older Windows application may attempt
to make a malformed call to it when it attempts to communicate. In the case that such a drastic change is
made, it is recommend that the firmware developer change the Family Code byte.
Table 4-3. Initial Family Codes
FAMILY CODE (DECIMAL)
GROUP/TEAM
00
Reserved
01–16
Digital Power + POE
17–32
HPA Design Tools team
33–48
Battery Management
49–239
Unassigned
240–255
Open for custom implementations (user defined)
SLLU093 – August 2006
Firmware Versioning Scheme
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com