Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-TO-GPIO Datasheet(PDF) 31 Page - Texas Instruments

Part # USB-TO-GPIO
Description  USB Interface Adapter Evaluation Module
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

USB-TO-GPIO Datasheet(HTML) 31 Page - Texas Instruments

Back Button USB-TO-GPIO Datasheet HTML 27Page - Texas Instruments USB-TO-GPIO Datasheet HTML 28Page - Texas Instruments USB-TO-GPIO Datasheet HTML 29Page - Texas Instruments USB-TO-GPIO Datasheet HTML 30Page - Texas Instruments USB-TO-GPIO Datasheet HTML 31Page - Texas Instruments USB-TO-GPIO Datasheet HTML 32Page - Texas Instruments USB-TO-GPIO Datasheet HTML 33Page - Texas Instruments USB-TO-GPIO Datasheet HTML 34Page - Texas Instruments USB-TO-GPIO Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 50 page
background image
www.ti.com
6.2
Bill of Materials (BOM)
Bill of Materials (BOM)
Table 6-1. Bill of Materials
REF
QTY
VALUE
DESCRIPTION
SIZE
PART NUMBER
MANUFACTURER
DESIGNATOR
C1, C5, C6, C8,
Capacitor, Ceramic, 0.1
µF, 25 V,
6
0.1
µF
0603
C1608X7R1E104KT
TDK
C10, C11
X7R, 10%
Capacitor, Ceramic, 22 pF, 50 V,
2
C2, C3
22 pF
0603
C1608C0G1H220KT
TDK
C0G, 10%
Capacitor, Ceramic, 1000 pF,
1
C4
1000 pF
0805
Std
Std
100 V, C0G, 5%
Capacitor, Tantalum, 1
µF, 16 V,
1
C7
1
µF
3216
293D105X0016A2T
Vishay
20%
Capacitor, Tantalum, 10
µF, 10 V,
2
C9, C12
10
µF
3216
293D106X0010A2T
Vishay
20%
1
D1
SSF-LXH305GD-TR
Diode, LED, 2.6 V, 25 mA
0.25
× 0.25
SSF-LXH305GD-TR
Lumex
1
D2
MBRA130
Diode, Schottky, 1 A, 30 V
SMA
MBRA130
IR
1
D3
7.5 V
Diode, Zener, 7.5 V, 3 W
SMB
1SMB5922BT3
On Semi
D4, D5, D6, D7,
Diode, TVS diode,
8
D8, D9, D10,
GL05T
SOT23
GL05T
General
Low Capacitance
D11
Header, 2-pin, 100 mil spacing,
1
J1
PTC36SAAN
0.1
× 2
PTC36SAAN
Sullins
(36-pin strip)
Connector, Male Right Angle
1
J2
86479-3
0.607
× 0.484
86479-3
AMP
2
×5 pin, 100 mil spacing, 4 Wall
Connector, Recpt, USB-B, Mini,
1
J3
UX60-MB-5ST
0.354
× 0.303
UX60-MB-5ST
Hirose
5-pins, SMT
Transistor, NPN, High
1
Q1
MMBT2222A
SOT-23
MMBT2222A
Fairchild
Performance, 500 mA
Q2, Q3, Q4,
MOSFET, Pch, –50 V, –0.13 A,
5
BSS84
SOT-23
BSS84
Fairchild
Q5, Q6
10
Ω
Resistor, Chip, 1.5 k
Ω, 1/16 W,
3
R1, R2, R25
1.5 k
Ω
0603
Std
Std
5%
Resistor, Chip, 2.2 k
Ω, 1/16 W,
3
R17, R19, R31
2.2 k
Ω
0603
Std
Std
5%
2
R18, R20
1 k
Ω
Resistor, Chip, 1 k
Ω, 1/16 W, 5%
0603
Std
Std
Resistor, Chip, 200
Ω, 1/16 W,
1
R29
200
Ω
0603
Std
Std
5%
1
R3
1 M
Ω
Resistor, Chip, 1 M
Ω, 1/16 W, 1%
0603
Std
Std
Resistor, Chip, 15 k
Ω, 1/16 W,
2
R4, R28
15 k
Ω
0603
Std
Std
5%
R5, R14, R15,
Resistor, Chip, 100 k
Ω, 1/16 W,
5
100 k
Ω
0603
Std
Std
R16, R30
5%
R6, R7, R8, R9,
R10, R11, R12,
14
R13, R21, R22,
33
Ω
Resistor, Chip, 33
Ω, 1/16 W, 5%
0603
Std
Std
R23, R24, R26,
R27, R32
IC, Serial EEPROM 64 k
Ω,
1
U1
24LC64
SO8
24LC64
Microchip
1.8 V to 5.5 V, 400 kHz Max
IC, USB, General Purpose,
1
U2
TUSB3210PM
0.48
× 0.48
TUSB3210PM
TI
Device Controller
IC, Micro-Power 150 mA LDO
1
U3
TPS76333DBV
SOT23-5
TPS76xxxDBV
TI
Regulator
1
Y1
12 MHz
0.185
× 0.532
CY12BPSMD
Crystek
Ribbon Cable, Socket-to-Socket,
1
M3DDA-1018J-ND
18
M3DDA-1018J-ND
3M
10 pin
1
Shunt, 100 mil, Black
0.1
929950-00
3M
PCB,
1
HPA172E2
Any
3.12 in
× 1.6 in × 0.062 in
SLLU093 – August 2006
Schematic, Bill of Materials, PCB Layout
31
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com