Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-TO-GPIO Datasheet(PDF) 20 Page - Texas Instruments

Part # USB-TO-GPIO
Description  USB Interface Adapter Evaluation Module
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

USB-TO-GPIO Datasheet(HTML) 20 Page - Texas Instruments

Back Button USB-TO-GPIO Datasheet HTML 16Page - Texas Instruments USB-TO-GPIO Datasheet HTML 17Page - Texas Instruments USB-TO-GPIO Datasheet HTML 18Page - Texas Instruments USB-TO-GPIO Datasheet HTML 19Page - Texas Instruments USB-TO-GPIO Datasheet HTML 20Page - Texas Instruments USB-TO-GPIO Datasheet HTML 21Page - Texas Instruments USB-TO-GPIO Datasheet HTML 22Page - Texas Instruments USB-TO-GPIO Datasheet HTML 23Page - Texas Instruments USB-TO-GPIO Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
www.ti.com
4.2
Rules for Implementing Compliant Custom Firmware
4.3
Compliant Versioning
Rules for Implementing Compliant Custom Firmware
In order for custom firmware to be compatible with this versioning scheme, it must comply with the
following rules:
1. The custom firmware must support pairs of commands listed in Table 4-1 (see Chapter 3 for the
default implementation).
Table 4-1. List of Pairs of Commands Needed for Firmware Versioning
CODES (hex)
DESCRIPTION
INFORMATION
0x00 and 0x80
Firmware Version (Get Version)
Required to communicate its unique identity to the GUI software
Required for the GUI software to reprogram the firmware on the
0x18 and 0x98
EEPROM Pro
embedded EEPROM
Required for the GUI software to validate the firmware image on the
0x19 and 0x99
EEPROM Read
EEPROM
2. The custom firmware must have a unique, compliant version number that describes its functionality.
Note:
Together, these two rules describe an interface that all GUI software can expect to be
implemented. If GUI software cannot call the Firmware Version command, it cannot
identify the firmware and should not attempt to use it as the outcome is unpredictable. If
GUI software needs to reprogram the USB interface adapter, it expects command 0x18 to
be an EEPROM programming. Conforming to this standard ensures that the firmware
does not break the validation and reprogramming cycle.
The versioning scheme uses three bytes to make up a unique identifier that the device can return (as the
data part) in response to the Firmware Version command (see Chapter 3 for more details).
The first byte is the Family Code and it describes who is responsible for the firmware. These codes are
given out in blocks to various groups with TI. For instance, the Digital Power Group owns codes 01–16 (or
0x01–0x10 in hex). Some Family Codes are reserved. Family codes 240–255 (or 0xF0–0xFF in hex) have
been set aside for custom implementations by end users or anyone wanting to make a compliant version
of custom firmware for their own private use.
This Family Code also denotes the permutations of protocols supported, such as Family Code 1 supports
I2C, PMBus, and SMBus, while Family Code 2 might support I2C and Protocol X.
The second byte is the Major Version and it describes a revision to the permutations of protocols. If the
protocols supported need new functionality or have changes to the way that they are called (signature
changed) then this byte denotes the change.
The third byte is the Minor Version and it describes a revision to the permutations of protocols. If the
firmware code has changed to fix a bug in the functions but no new public functions have been added and
no changes have been made to the function signatures, this byte should be changed to denote the new
version.
Table 4-2 summarizes the significance of the three-byte code.
Table 4-2. Three Bytes for Firmware Versioning
BYTE ORDER
MOST SIGNIFICANT BYTE
MIDDLE BYTE
LEAST SIGNIFICANT BYTE
Byte Meaning
Family Code
Major Version
Minor Version
01 = Major revision
01 = Owned by Digital Power
01 = Minor revision of the permutation of
Example Value
of the permutation of
PMBus, SMBus, I2C supported
protocols
protocols
Firmware Versioning Scheme
20
SLLU093 – August 2006
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com