Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-TO-GPIO Datasheet(PDF) 11 Page - Texas Instruments

Part # USB-TO-GPIO
Description  USB Interface Adapter Evaluation Module
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

USB-TO-GPIO Datasheet(HTML) 11 Page - Texas Instruments

Back Button USB-TO-GPIO Datasheet HTML 7Page - Texas Instruments USB-TO-GPIO Datasheet HTML 8Page - Texas Instruments USB-TO-GPIO Datasheet HTML 9Page - Texas Instruments USB-TO-GPIO Datasheet HTML 10Page - Texas Instruments USB-TO-GPIO Datasheet HTML 11Page - Texas Instruments USB-TO-GPIO Datasheet HTML 12Page - Texas Instruments USB-TO-GPIO Datasheet HTML 13Page - Texas Instruments USB-TO-GPIO Datasheet HTML 14Page - Texas Instruments USB-TO-GPIO Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
2.1
Introduction
2.2
Ribbon-Cable Connector J2 and Pinout
Chapter 2
SLLU093 – August 2006
Summary of Hardware Design
This chapter describes the major features of hardware design for the USB interface
adapter. See Chapter 6 for the schematic, bill of materials (BOM), and PCB layout
information.
The hardware is based on a USB peripheral chip from TI (TUSB3210). The TUSB3210 has an 8052 core
with enhanced performance. The PCB is a simple two-layer, top-side populated board (see the schematic
in Chapter 6). The major features of the hardware design are detailed the in the following sections.
This connector is used for communications and controls between the USB interface adapter and one more
multiple I2C slave device(s).
Table 2-1. Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
Used as either the 5th PMBUS CONTROL line (output) or as GPIO pin 7
PMBCTRL5/GPIO7
1
I/O
(input/output, with internal pullup enabled)
Used as either the 4th PMBUS CONTROL line (output) or as GPIO pin 6
PMBCTRL4/GPIO6
2
I/O
(input/output, with internal pullup enabled)
Used as either the 3rd PMBUS CONTROL line (output) or as GPIO pin 5
PMBCTRL3/GPIO5
3
I/O
(input/output, with internal pullup enabled)
Used as either the 2nd PMBUS CONTROL line (output) or as GPIO pin 4
PMBCTRL2/GPIO4
4
I/O
(input/output, with internal pullup enabled)
This pin can provide a 3.3-V output power supply at up to 100 mA. Any slave
+3.3V
5
PWR
device(s) can use this power supply as long as the total current consumption is less
than 100 mA.
Ground
6
GND
Common ground for the entire evaluation board
Used as either the 1st PMBUS CONTROL line (output) or as GPIO pin 3
PMBCTRL1/GPIO3
7
I/O
(input/output, with internal pullup enabled)
Used as either the ALERT line (input) for PMBUS or SMBUS communications, or as
PMBALERT/SMBALERT/GPIO2
8
I/O
GPIO pin 2 (input/output, with internal pullup disabled, and with an external
programmable pullup)
Used as either the CLOCK line (output) for PMBUS or SMBUS or I2C
PMBC/SMBC/SCL/GPIO1
9
I/O
communications, or as GPIO pin 1 (input/output, with internal pullup disabled, and
with an external programmable pullup)
Used as either the DATA line (input/output) for PMBUS or SMBUS or I2C
PMBD/SMBD/SDA/GPIO0
10
I/O
communications, or as GPIO pin 0 (input/output, with internal pullup disabled, and
with an external programmable pullup)
SLLU093 – August 2006
Summary of Hardware Design
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com