Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-TO-GPIO Datasheet(PDF) 19 Page - Texas Instruments

Part # USB-TO-GPIO
Description  USB Interface Adapter Evaluation Module
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

USB-TO-GPIO Datasheet(HTML) 19 Page - Texas Instruments

Back Button USB-TO-GPIO Datasheet HTML 15Page - Texas Instruments USB-TO-GPIO Datasheet HTML 16Page - Texas Instruments USB-TO-GPIO Datasheet HTML 17Page - Texas Instruments USB-TO-GPIO Datasheet HTML 18Page - Texas Instruments USB-TO-GPIO Datasheet HTML 19Page - Texas Instruments USB-TO-GPIO Datasheet HTML 20Page - Texas Instruments USB-TO-GPIO Datasheet HTML 21Page - Texas Instruments USB-TO-GPIO Datasheet HTML 22Page - Texas Instruments USB-TO-GPIO Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
4.1
Introduction
Chapter 4
SLLU093 – August 2006
Firmware Versioning Scheme
This chapter briefly describes the firmware versioning scheme for the USB interface
adapter. Understanding the versioning scheme is critical for using the device in the
preset configuration. This topic is important for those who would like to make a custom
implementation of firmware or to understand how the firmware version is validated by
the host client software.
The firmware can be no more than 8K bytes. This limits the amount of functionality that any single
firmware image can have. All the functions needed for every application could not possibly be
implemented in this space. In order to make the device extensible and to allow its use in many
applications, it was designed in a way for a host application to reprogram the device with its own custom
firmware whenever needed.
For example, some end devices may require protocol X to send and receive data, but the standard
firmware does not support protocol X. In this case, the programmer of the GUI software that supports this
end device writes custom firmware that conforms to the rules in Section 4.2. At run time, the GUI software
finds the USB interface adapter and retrieves its firmware version number. If the version number is not
compatible with the protocols needed, the GUI software then reprograms the device with its own version
of firmware so that it can use it.
If all GUI software complies with this versioning system, then the same hardware can be reused for many
applications without inhibiting other compliant software. This also ensures that all implementations will
be backward compatible with older GUI software.
SLLU093 – August 2006
Firmware Versioning Scheme
19
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com