Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-TO-GPIO Datasheet(PDF) 43 Page - Texas Instruments

Part # USB-TO-GPIO
Description  USB Interface Adapter Evaluation Module
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

USB-TO-GPIO Datasheet(HTML) 43 Page - Texas Instruments

Back Button USB-TO-GPIO Datasheet HTML 39Page - Texas Instruments USB-TO-GPIO Datasheet HTML 40Page - Texas Instruments USB-TO-GPIO Datasheet HTML 41Page - Texas Instruments USB-TO-GPIO Datasheet HTML 42Page - Texas Instruments USB-TO-GPIO Datasheet HTML 43Page - Texas Instruments USB-TO-GPIO Datasheet HTML 44Page - Texas Instruments USB-TO-GPIO Datasheet HTML 45Page - Texas Instruments USB-TO-GPIO Datasheet HTML 46Page - Texas Instruments USB-TO-GPIO Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 50 page
background image
www.ti.com
B.10 Send Byte Command and Response
B.11 Receive Byte Command and Response
B.12 Write Byte Command and Response
Send Byte Command and Response
USB PACKET
COMMAND
BYTE 0
USB PACKET USB PACKET
USB PACKET USB PACKET USB PACKET
USB PACKET
COMMENTS
DESCRIPTION
COMMAND
BYTE 1
BYTE 2
BYTE 3
BYTE 4
BYTE 5
BYTES 6–63
CODE
Send Byte
0x01
A
B
USB PACKET
COMMAND
BYTE 0
USB PACKET USB PACKET
USB PACKET USB PACKET USB PACKET
USB PACKET
COMMENTS
DESCRIPTION
COMMAND
BYTE 1
BYTE 2
BYTE 3
BYTE 4
BYTE 5
BYTES 6–63
CODE
Response from
Success: 0
0x81
Send Byte
Fail: 1
The following describes the detailed bit banking of the Send Byte command (with PEC on):
PMBUS/SMBUS start
→ write A (= slave address shifted left by 1 bit + write bit of 0) → slave ACK
→ write B (a command byte defined by PMBUS or SMBUS) → slave ACK → write PEC byte → slave
ACK
→ PMBUS/SMBUS stop
USB PACKET
COMMAND
BYTE 0
USB PACKET USB PACKET
USB PACKET USB PACKET USB PACKET
USB PACKET
COMMENTS
DESCRIPTION
COMMAND
BYTE 1
BYTE 2
BYTE 3
BYTE 4
BYTE 5
BYTES 6–63
CODE
Receive Byte
0x02
A
USB PACKET
COMMAND
BYTE 0
USB PACKET USB PACKET
USB PACKET USB PACKET USB PACKET
USB PACKET
COMMENTS
DESCRIPTION
COMMAND
BYTE 1
BYTE 2
BYTE 3
BYTE 4
BYTE 5
BYTES 6–63
CODE
Response from
Success: 0
Byte read
0x82
Receive Byte
Fail: 1
from slave
The following describes the detailed bit banking of the Receive Byte command (with PEC on):
PMBUS/SMBUS start
→ write A (= slave address shifted left by 1 bit + read bit of 1) → slave ACK →
read in 1 data byte from slave
→ master ACK → read in PEC byte from slave → master NACK →
PMBUS/SMBUS stop
USB PACKET
COMMAND
BYTE 0
USB PACKET USB PACKET
USB PACKET USB PACKET USB PACKET
USB PACKET
COMMENTS
DESCRIPTION
COMMAND
BYTE 1
BYTE 2
BYTE 3
BYTE 4
BYTE 5
BYTES 6–63
CODE
Write Byte
0x03
A
B
C
USB PACKET
COMMAND
BYTE 0
USB PACKET USB PACKET
USB PACKET USB PACKET USB PACKET
USB PACKET
COMMENTS
DESCRIPTION
COMMAND
BYTE 1
BYTE 2
BYTE 3
BYTE 4
BYTE 5
BYTES 6–63
CODE
Response from
Success: 0
0x83
Write Byte
Fail: 1
The following describes the detailed bit banking of the Write Byte command (with PEC on):
PMBUS/SMBUS start
→ write A (= slave address shifted left by 1 bit + write bit of 0) → slave ACK
→ write B (a command byte defined by PMBUS or SMBUS) → slave ACK → write C (a data byte) →
slave ACK
→ write PEC byte → slave ACK → PMBUS/SMBUS stop
SLLU093 – August 2006
PMBUS/SMBUS Communications
43
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com