Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-TO-GPIO Datasheet(PDF) 26 Page - Texas Instruments

Part # USB-TO-GPIO
Description  USB Interface Adapter Evaluation Module
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

USB-TO-GPIO Datasheet(HTML) 26 Page - Texas Instruments

Back Button USB-TO-GPIO Datasheet HTML 22Page - Texas Instruments USB-TO-GPIO Datasheet HTML 23Page - Texas Instruments USB-TO-GPIO Datasheet HTML 24Page - Texas Instruments USB-TO-GPIO Datasheet HTML 25Page - Texas Instruments USB-TO-GPIO Datasheet HTML 26Page - Texas Instruments USB-TO-GPIO Datasheet HTML 27Page - Texas Instruments USB-TO-GPIO Datasheet HTML 28Page - Texas Instruments USB-TO-GPIO Datasheet HTML 29Page - Texas Instruments USB-TO-GPIO Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 50 page
background image
www.ti.com
5.1
Windows XP
Windows XP
Windows XP provides the standard USB HID support to the application’s libraries through a standard USB
HID driver that comes with Microsoft Windows.
The .NET Framework is a set of libraries that Microsoft provides that allows Windows applications a rich
set of services to use. Functionality such as form and window management, memory management, and
database are all supported by the .NET Framework. Most recent applications written for Windows use the
.NET Framework.
The .NET Framework is the only dependency that the device transport libraries and the GUI application
have; there are no custom drivers required by this application. The .NET Framework is installed on all new
PCs, so there should be nothing to do except unzip and run the GUI application that is delivered for the
adapter Framework.
The current version of the device transport libraries and GUI Application use version 1.1 of the Microsoft
.NET Framework. Depending on the version of development tools used to generate GUI libraries and
applications, an update to the .NET Framework from Microsoft may be required.
The URL to update the Microsoft .NET Framework on your PC may be found at the following URL:
http://www.microsoft.com/downloads/details.aspx?FamilyID=0856EACB-4362-4B0D-8EDD-
AAB15C5E04F5&displaylang=en
GUI and PC Libraries
26
SLLU093 – August 2006
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com