Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-TO-GPIO Datasheet(PDF) 28 Page - Texas Instruments

Part # USB-TO-GPIO
Description  USB Interface Adapter Evaluation Module
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

USB-TO-GPIO Datasheet(HTML) 28 Page - Texas Instruments

Back Button USB-TO-GPIO Datasheet HTML 24Page - Texas Instruments USB-TO-GPIO Datasheet HTML 25Page - Texas Instruments USB-TO-GPIO Datasheet HTML 26Page - Texas Instruments USB-TO-GPIO Datasheet HTML 27Page - Texas Instruments USB-TO-GPIO Datasheet HTML 28Page - Texas Instruments USB-TO-GPIO Datasheet HTML 29Page - Texas Instruments USB-TO-GPIO Datasheet HTML 30Page - Texas Instruments USB-TO-GPIO Datasheet HTML 31Page - Texas Instruments USB-TO-GPIO Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
www.ti.com
5.3
GUI Application
GUI Application
The sample application that is available with the adapter uses the device transport to communicate with
the adapter, as well as the target devices behind the adapter. A screenshot is shown in Figure 5-2.
Figure 5-2. Sample GUI Application
From the main menu, update the firmware for the adapter, select the bus speed of the device (100 kHz or
400 kHz), and select whether PEC is enabled or disabled when communicating with the device.
The main portion of the form is split into five sections: I2C, SMBus, PMBus, GPIO, and pullup resistors.
From the I2C, SMBus, and PMBus group boxes, the user can select each of the available transaction
types that the adapter supports. The result of the transaction to the device is also communicated here as
an acknowledge (ACK) or not acknowledge (NACK).
In the GPIO group box, each of the eight GPIO pins can be enabled and programmed as read or write. In
addition, the state of the pin can be read or asserted to the desired value from this group box as well.
Finally, the GUI allows users to select the values of the pullup resistors used for the SDA/SCL lines. The
adapter and the GUI allow users to select from 668
Ω, 1.1 kΩ, 2.2 kΩ, or open drain.
28
GUI and PC Libraries
SLLU093 – August 2006
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com