Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971VCW Datasheet(PDF) 247 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 247 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 243Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 244Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 245Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 246Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 247Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 248Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 249Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 250Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 251Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 265 page
background image
APPENDIX E
Am79C971
E-1
Auto-Negotiation Registers
The following registers exist in the Auto-Negotiation
block and are written or read by using registers MII Ad-
dress (BCR33) and MII Data Port (BCR34). These reg-
isters are indirect read and write registers with the
register offset specified by the REGAD (BCR33, bits 3-
0) portion of the MII Address Register (BCR33). The
PHYAD (BCR33, bits 3-0) portion specifies the specific
PHY that you wish to communicate with. The internal
PHY on the Am79c971 controller has a PHYAD ad-
dress of 1fh. The default external PHY has a PHYAD
address of 00h. The following is a table of these indirect
registers and defaulted values for the internal registers.
Register 0: MII Control Register
Bit
Name
Default
Description
15
PRPHY
Reset.
Defaults
to
ZERO
after power-up and
after hardware resets
(H_RESET). This is
normally only used to
bring up the external
PHY into a known
state. Not used for the
internal PHY. Use the
normal
Am79C971
reset mechanisms.
14
LB
NA (0)
Loop Back. Defaults
to ZERO after power-
up and after hardware
resets
(H_RESET).
Loopback
is
supported only in an
external
PHY.
See
the
“MII
Configuration”
section
for
more
details..
13
SS
NA (0)
Speed
Selection.
Defaults
to
ZERO
after power-up and
after hardware resets
(H_RESET). This is
ZERO the entire time
the internal PHY is
active. The external
PHY can be forced
into
100Mbps
or
10Mbps
mode
by
manipulation of this
bit. This bit is used
only when the Auto-
Negotiation
Enable
bit is ZERO.
12
ANE
Variable*
Auto-Negotiation
Enable. Defaults to
ONE after power-up
and after hardware
resets
(H_RESET).
This bit enables the
internal or
external
PHY’s
Auto-
Negotiation
capabilities.
When
this bit is ZERO the
internal/external
PHY’s must be forced
into the correct state
through
software
intervention.
11
PD
NA (0)
Power
Down.
Defaults
to
ZERO
after power-up and
after hardware resets
(H_RESET). This bit
only applies to the
external
PHY.
Use
the SLEEP# or other
power saving modes
in
the
Am79C971
Controller.
* See text on Auto Negotiation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com