Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971VCW Datasheet(PDF) 248 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 248 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 244Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 245Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 246Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 247Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 248Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 249Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 250Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 251Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 252Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 265 page
background image
E-2
Am79C971
10
IS
NA (0)
Isolate.
Defaults
to
ZERO after power-up
and after hardware
resets
(H_RESET).
This bit only applies
to the external PHY.
This bit is used when
multiple PHY’s can be
attached
to
the
Am79C971 MII.
9
RAN
0
Restart
Auto
Negotiation. Defaults
to ZERO after power-
up and after hardware
resets ( H_RESET ).
This bit is used when
the software needs to
reset
the
Auto-
Negotiation process.
For
use
with
an
external PHY without
software intervention.
8
DM
0
Duplex
Mode.
Defaults
to
ZERO
after power-up and
after hardware resets
(H_RESET). This bit
sets the full-duplex
feature for the internal
or
external
PHY’s.
Only valid when the
Auto-Negotiation
Enable bit is not set.
7
CT
0
Collision
Test.
Defaults
to
ZERO
after power-up and
after hardware resets
(H_RESET). This bit
is
only
useful
for
testing the COL pin
on the MII and is not
supported
without
software intervention.
0-6
RES
0
Reserved
locations.
Defaults to all ZEROs
after power-up and
after hardware resets
(H_RESET).
Register 1: MII Status Register
Bit
Name
Default
Description
15
100T4
0
100Base-T4.
Defaults
to
ZERO
after power-up and
after hardware resets
(H_RESET).
Indicates
that
the
PHY is 100BASE-T4
capable. Not used on
the internal PHY.
14
100XFD
0
100Base-X
Full
Duplex. Defaults to
ZERO after power-up
and after hardware
resets
(H_RESET).
Indicates
that
the
PHY is 100BASE-TX
Full-Duplex capable.
13
100XHD
0
100Base-X
Half
Duplex. Defaults to
ZERO after power-up
and after hardware
resets
(H_RESET).
Indicates
that
the
PHY is 100BASE-TX
Half-Duplex capable.
Not
used
on
the
internal PHY
12
10FD
1
10Base Full Duplex.
Defaults to ONE after
power-up and after
hardware
resets
(H_RESET).
Indicates
that
the
PHY
is
10BASE-T
Full-Duplex capable.
11
10HD
1
10Base Half Duplex.
Defaults to ONE after
power-up and after
hardware
resets
(H_RESET).
Indicates
that
the
PHY
is
10BASE-T
Half-Duplex capable.
10-7
RES
0
Reserved
locations.
These
locations
should be read and
written as ZEROs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com