Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971VCW Datasheet(PDF) 251 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 251 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 247Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 248Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 249Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 250Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 251Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 252Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 253Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 254Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 255Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 251 / 265 page
background image
Am79C971
E-5
we need to restart the
process.
3
LPNP
0
Link
Partner
Next
Page Able. Defaults
to ZERO after power-
up and after hardware
resets
(H_RESET).
This bit gets set if the
link partner can do
the
Next
Page
function.
2
NPA
0
Next
Page
Able.
Defaults
to
ZERO
after power-up and
after hardware resets
(H_RESET). This bit
indicates
that
the
internal/external PHY
attached
to
the
Am79C971 controller
can do Next Pages.
The
Am79C971
controller
will
not
support next pages
without
software
support.
1
PR
0
Page
Received.
Defaults
to
ZERO
after power-up and
after hardware resets
(H_RESET). This bit
indicates that a valid
page has been seen
by
the
Am79C971
controller’s PHY or
the
external
PHY
attached
to
the
Am79C971
controller.
0
LPNA
0
Link
Partner
Auto-
Negotiation
Able.
Defaults
to
ZERO
after power-up and
after hardware resets
(H_RESET). This bit
indicates whether or
not the link partner
can auto-negotiate.
Register 7: Auto Negotiation Next Page
Transmit Register
Bit
Name
Description
This resister is only used during next pages. This is the
word that will be sent by the Am79C971 controller in re-
sponse to a next page.
15
NP
0
Next Page. Defaults
to ZERO after power-
up and after hardware
resets (H_RESET).
14
ACK
0
Acknowledge.
Defaults
to
ZERO
after power-up and
after hardware resets
(H_RESET).
13
MP
0
Message
Page.
Defaults
to
ZERO
after power-up and
after hardware resets
(H_RESET).
12
ACK2
0
Acknowledge
2.
Defaults
to
ZERO
after power-up and
after hardware resets
(H_RESET).
11
TOG
0
Toggle. Defaults to
ZERO after power-up
and after hardware
resets (H_RESET)
10-0
MUCF
0000
Message/Unformu-
lated Code Field. De-
faults to all ZEROs
after power-up and
after hardware resets
(H_RESET).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com