Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971VCW Datasheet(PDF) 250 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 250 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 246Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 247Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 248Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 249Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 250Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 251Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 252Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 253Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 254Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 265 page
background image
E-4
Am79C971
Register 4: Auto Negotiation
Advertisement Ability Register
Bit
Name
Description
15
NP
NA (0)
Next Page. Defaults 0
to ZERO after power-
up and after hardware
resets
(H_RESET).
This bit indicates the
ability of the PHY to
send
and
receive
message pages after
the initial base code
word has been sent.
The
Am79C971
controller
does
not
support Next Pages
currently.
14
RES
0
Read
as
ZERO
always.
13
RF
0
Remote
Fault.
Defaults
to
ZERO
after power-up and
after hardware resets
(H_RESET). This bit
indicates
that
we
have
detected
a
remote fault with the
other node.
12-5
TAF
03
Technology
Ability
Field.
The
Am79C971 controller
will
only
support
10BaseT or 10BaseT
full duplex with the
internal PHY device.
When
using
the
internal PHY the TAF
will
be
set
to
00000011b always.
4-0
SF
01
Selector Field. The
Am79C971 controller
will
only
currently
support IEEE 802.3
messages.
When
using
the
internal
PHY the SF will be
set to 00001b always.
Register 5: Auto Negotiation Link-Partner
Ability Register
Bit
Name
Description
These fields are identical to the previous and are valid
for the node in which we are currently engaged.
15
NP
0
Next Page. Defaults
to ZERO after power-
up and after hardware
resets (H_RESET).
14
ACK
0
Acknowledge.
Defaults
to
ZERO
after power-up and
after hardware resets
(H_RESET).
13
RF
0
Remote
Fault.
Defaults
to
ZERO
after power-up and
after hardware resets
(H_RESET)
12-5
TAF
03
Technology
Ability
Field. Defaults to all
ZEROs after power-
up and after hardware
resets (H_RESET)
4-0
SF
01
Selector
Field.
Defaults to all ZEROs
after power-up and
after hardware resets
(H_RESET)
Register 6: Auto Negotiation Expansion
Register
Bit
Name
Description
This is the catch all register of odds and ends that did
not fit in other registers.
15-5
RES
0
Reserved. Read and
written as ZERO’s.
4
PDF
0
Parallel
Detection
Fault.
Defaults
to
ZERO after power-up
and after hardware
resets
(H_RESET).
This bit indicates that
more than one PHY
has responded to a
valid
link
or
none
have responded to a
valid link. Either way



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com