Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C971VCW Datasheet(PDF) 249 Page - Advanced Micro Devices

Part # AM79C971VCW
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971VCW Datasheet(HTML) 249 Page - Advanced Micro Devices

Back Button AM79C971VCW Datasheet HTML 245Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 246Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 247Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 248Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 249Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 250Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 251Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 252Page - Advanced Micro Devices AM79C971VCW Datasheet HTML 253Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 265 page
background image
Am79C971
E-3
6
MFPS
0
Management Frame
Preamble
Suppression.
Defaults
to
ZERO
after power-up and
after hardware resets
(H_RESET). This is
used
by
the
Am79C971 controller
to reduce the time
delay overhead with
processing
the
MII
Management
Frames. Strips the 32
bit preamble off of
each frame sent.
5
ANC
0
Auto-Negotiation
Complete. Defaults to
ZERO after power-up
and after hardware
resets
(H_RESET).
This bit indicates that
the Auto-Negotiation
process
has
completed and that
the
contents
of
registers
4-8
are
valid.
4
RF
0
Remote
Fault.
Defaults
to
ZERO
after power-up and
after hardware resets
(H_RESET). This is a
indication
that
the
remote
node
has
detected a fault with
your system.
3
ANA
1
Auto-Negotiation
Ability.
Defaults
to
ONE after power-up
and after hardware
resets
(H_RESET).
This bit indicates that
PHY’s ability to do
Auto-Negotiation.
This bit is defaulted
ONE
on
the
Am79C971
controller.
2
LS0
0
Link Status. Defaults
to ZERO after power-
up and after hardware
resets
(H_RESET).
This bit indicates the
current status of the
network link.
1
JD
0
Jabber
Detect.
Defaults
to
ZERO
after power-up and
after hardware resets
(H_RESET). This bit
indicates that a jabber
event occurred on the
network.
0
EC
1
Extended Capability.
Defaults to ONE after
power-up and after
hardware
resets
(H_RESET). This bit
indicates
that
the
PHY
has
Auto-
Negotiation
capability. If this bit is
not set then the line
must be forced.
Register 2: PHY Identifier
Bit
Name
Default
Description
15-0
OUI
0000
Organizationally
Unique
Identifier.
Administered by the
IEEE.
Register 3: PHY Identifier
Bit
Name
Default
Description
15-10
OUI
68
Organizationally
Unique
Identifier.
Administered by the
IEEE.
9-4
MMN
01
Manufacturers Model
Number.
The
Am79C971 Controller
will have a default
model number of 1.
3-0
RN
1
Revision
Number.
Initially ZERO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com