Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8515 Datasheet(PDF) 15 Page - ams AG

Part # AS8515
Description  Data Acquisition System with Power Management and LIN Transceiver for 12V Battery Sensor Applications
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8515 Datasheet(HTML) 15 Page - ams AG

Back Button AS8515 Datasheet HTML 11Page - ams AG AS8515 Datasheet HTML 12Page - ams AG AS8515 Datasheet HTML 13Page - ams AG AS8515 Datasheet HTML 14Page - ams AG AS8515 Datasheet HTML 15Page - ams AG AS8515 Datasheet HTML 16Page - ams AG AS8515 Datasheet HTML 17Page - ams AG AS8515 Datasheet HTML 18Page - ams AG AS8515 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 65 page
background image
www.ams.com
Revision 0.7
15 - 65
AS8515
Datasheet - AS8515 To p Die Overview
Note:
L = Low state, H = High state, OT = Over temperature Reset, UVCC = Under-voltage VCC, UVSENSE = Under-voltage VSENSE,
Rwake = Remote wake, X = don’t care.
7.10.1 Normal Mode
This is the mode after the power-up. In this mode, voltage regulator, LIN transceiver, window Watchdog is all active. The resistive divider can be
enabled through SPI. LIN transceiver is capable of sending the Tx data from microcontroller to the LIN bus at a maximum rate of 20Kbps.
7.10.2 Standby Mode
Standby Mode is a functional low power mode and is entered by pulling EN to ground. The LIN transceiver, resistive divider, window watchdog,
and Tx timeout watchdog circuits are disabled. But, it is possible to selectively enable the voltage and current measurement paths in this mode
using an externally generated measurement enable (MEN) signal on the MEN pin. The timeout Watchdog can be enabled in this mode to make
sure that the Microcontroller is active.
7.10.3 Temporary Shutdown Mode
In this mode, the regulator is powered down and the VCC is pulled down. This provides an alternative way to reset those components powered
by AS8515. The feature has to be enabled by the factory programming option and can be invoked through SPI. The LIN transceiver along with
the LIN wake-up circuits are powered down. No remote wake functionality possible. LIN bus enters into recessive state. The system goes out of
this mode to normal mode after the timeout of an internal timer.
7.10.4 Thermal Shutdown Mode
If the junction temperature TJ is higher than Tsd, the device will be switched into the thermal shutdown mode. The regulator and the transceiver
are completely disabled. Only the over-temperature monitor is active. As soon as the temperature returns back to TRET, the system enters
normal mode.
Table 15. Transition Table
Transition
Interface
Reg.
0x05
D0
Flags
Comments
From Mode
To Mode
LIN
Rx
Tx
EN
Rwake UVSENSE
OT
UVCC
Normal Mode
Stand-By
X-RS X-H1
1. Effect of transition
H
2
2. Cause for transition
H-L
2
L
X
X
inactive inactive
Tx is high for
TSTNDY_trigger
Temporary
Shutdown
X-RS X-H1
XH
H
2
X
X
inactive
set
The Control Bit is set
through the 4-Wire SPI
interface
Over-
Temperature
X-RS X-H1
XX
L
X
X
set
set
Temperature monitor
output asserted
(covered by scan)
Standby Mode
Normal (LW)
X
H-X
1
X
L-H
2
L
X
X
inactive inactive
Normal (RW)
X
H-X
1
H
X
L
set
X
inactive inactive Remote Wake up Event
occurred on LIN
Temporary
Shutdown
RS
H
1
H
L
H
2
X
X
inactive
set
The Control bit is set
through the 4-Wire SPI
interface
Over-
Temperature
RS
H
1
HL
L
X
X
set
set
Temperature monitor
output asserted
(covered by scan)
Temporary
Shutdown
Mode
Normal
RS-X H-X1
X
X
L
X
X
inactive
clear
Internal 128ms timer
expired
Over-
temperature
Mode
Normal
RS-X H-X1
X
X
L
X
X
clear
clear
Temperature monitor
output de-asserted
(covered by scan)
All States
Power Off
X
X
X
X
X
X
L-H
2
XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com