Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8515 Datasheet(PDF) 27 Page - ams AG

Part # AS8515
Description  Data Acquisition System with Power Management and LIN Transceiver for 12V Battery Sensor Applications
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8515 Datasheet(HTML) 27 Page - ams AG

Back Button AS8515 Datasheet HTML 23Page - ams AG AS8515 Datasheet HTML 24Page - ams AG AS8515 Datasheet HTML 25Page - ams AG AS8515 Datasheet HTML 26Page - ams AG AS8515 Datasheet HTML 27Page - ams AG AS8515 Datasheet HTML 28Page - ams AG AS8515 Datasheet HTML 29Page - ams AG AS8515 Datasheet HTML 30Page - ams AG AS8515 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 65 page
background image
www.ams.com
Revision 0.7
27 - 65
AS8515
Datasheet - AS8515 To p Die Overview
0x0C
Reserved
0x0D
Reserved
0x0E
Watchdog Timer
Control Register
On POR_VCC
0000_0000
R/W
D0 Timer resolution
0 1 second, 1 32 seconds
D1-D7 Timeout period.
If D0=1, then timeout period = D[7:1]*64*0.512 seconds, else timeout period
= D[7:1]*0.512 seconds
0x0F
Reserved
Diagnostic Registers
0x08
Diagnostic
Register-1
On POR_VSUP
0000_0011
R
D7-D0 = DR[7:0], 8-LSB bits of the 24-bit Diagnostic Register.
D0 POR-VSUP
Set when VSUP < Vsuvr_on, cleared after µC read
D1 Under voltage VCC (UVVCC)
Set when VCC < Vuvr_on, cleared after µC read
D2 Over-temperature Reset (OTEMP170)
Set when temp > Tsd, cleared after µC read
D3 Over-temperature warning (OTEMP160)
Set when temp > Totset, cleared after µC read
D4 Overvoltage VSENSE (OVVSENSE)
Set when VSUP > Vovthh, cleared after µC read
D5 Reserved
D6 Remote wakeup (RWAKE)
Set on remote wakeup event on LIN Bus, cleared after µC read
D7 Set on failure of window Watchdog trigger, cleared after µC read
0x09
Diagnostic
Register-2
On POR_VSUP
0000_0000
R
D7-D0 = DR[15:8], Next 8-LSB bits of the 24-bit Diagnostic Register.
D0 Tx timeout of 1sec (TXTIMEOUT)
Set on Tx low > 1sec, cleared after µC read
D1 TEMPSHUT
This bit is set on entering temporary shutdown state and cleared after µC read.
D2 Set on failure of timeout Watchdog trigger, cleared after µC read
D3 Load Dump Flag
D7-D4 Reserved
Table 28. AS8515 Top Die Registers
Address Register Name Default Value
R/W
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com