Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8515 Datasheet(PDF) 62 Page - ams AG

Part # AS8515
Description  Data Acquisition System with Power Management and LIN Transceiver for 12V Battery Sensor Applications
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8515 Datasheet(HTML) 62 Page - ams AG

Back Button AS8515 Datasheet HTML 57Page - ams AG AS8515 Datasheet HTML 58Page - ams AG AS8515 Datasheet HTML 59Page - ams AG AS8515 Datasheet HTML 60Page - ams AG AS8515 Datasheet HTML 61Page - ams AG AS8515 Datasheet HTML 62Page - ams AG AS8515 Datasheet HTML 63Page - ams AG AS8515 Datasheet HTML 64Page - ams AG AS8515 Datasheet HTML 65Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 62 / 65 page
background image
www.ams.com
Revision 0.7
62 - 65
AS8515
Datasheet - Packa ge Drawin gs and Ma rk ings
Notes:
1. Dimensions and tolerancing conform to ASME Y14.5M -1994.
2. All dimensions are in millimeters. Angles are in degrees.
3. Bilateral coplanarity zone applies to the exposed pad as well as the terminal.
4. Radius on terminal is optional.
5. N is the total number of terminals.
Marking: YYWWVZZ.
YY
WW
V
ZZ
@
Last two digits of the
manufacturing year
Manufacturing Week
Plant Identifier
Traceability Code
Sublot identifier
Symbol
Min
Nom
Max
A
0.80
0.90
1.00
A1
0
0.02
0.05
A2
-
0.65
1.00
A3
0.20 REF
L
0.30
0.40
0.50
θ
0º
-
14º
b
0.18
0.25
0.30
D
5.00 BSC
E
5.00 BSC
e
0.50 BSC
D1
4.75 BSC
E1
4.75 BSC
Symbol
Min
Nom
Max
D2
3.40
3.50
3.60
E2
3.40
3.50
3.60
aaa
-
0.15
-
bbb
-
0.10
-
ccc
-
0.10
-
ddd
-
0.05
-
eee
-
0.08
-
fff
-
0.10
-
N32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com