Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8515 Datasheet(PDF) 23 Page - ams AG

Part # AS8515
Description  Data Acquisition System with Power Management and LIN Transceiver for 12V Battery Sensor Applications
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8515 Datasheet(HTML) 23 Page - ams AG

Back Button AS8515 Datasheet HTML 19Page - ams AG AS8515 Datasheet HTML 20Page - ams AG AS8515 Datasheet HTML 21Page - ams AG AS8515 Datasheet HTML 22Page - ams AG AS8515 Datasheet HTML 23Page - ams AG AS8515 Datasheet HTML 24Page - ams AG AS8515 Datasheet HTML 25Page - ams AG AS8515 Datasheet HTML 26Page - ams AG AS8515 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 65 page
background image
www.ams.com
Revision 0.7
23 - 65
AS8515
Datasheet - AS8515 To p Die Overview
7.16.5 Window Watchdog Timer
7.16.6 LIN Transceiver
DC Electrical Characteristics.
Table 22. WWD
Symbol
Parameter
Condition
Min
Typ
Max
Unit
WD_TCL
Factory
setting 1
WWD non-service time
RESET will be generated
0-100
ms
WD_TSV
WWD Service time
RESET will not be generated
100-200
ms
WD_TCL1
Factory
setting 2
WWD non-service time
RESET will be generated
0-80
ms
WD_TSV1
WWD Service time
RESET will not be generated
80-160
ms
WD_TCL2
Factory
setting 3
WWD non-service time
RESET will be generated
0-60
ms
WD_TSV2
WWD Service time
RESET will not be generated
60-120
ms
WD_TCL3
Factory
setting 4
WWD non-service time
RESET will be generated
0-200
ms
WD_TSV3
WWD Service time
RESET will not be generated
200-400
ms
WD_TCL4
Factory
setting 5
WWD non-service time
RESET will be generated
0-160
ms
WD_TSV4
WWD Service time
RESET will not be generated
160-320
ms
WD_TCL5
Factory
setting 6
WWD non-service time
RESET will be generated
0-120
ms
WD_TSV5
WWD Service time
RESET will not be generated
120-240
ms
Table 23. Driver
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Ibus_lim
Current limitation in dominant state
LIN = VSUP_max
40
120
200
mA
LIN_VOL
Output Voltage BUS (dominant state),
ILIN = 40mA
(short-circuit condition tested at VOL=2.5V)
2V
Pull-up resistor
Normal mode
(recessive BUS level on Tx pin)
20
40
60
K
Ω
Ibus_leak_rec
Driver OFF; 7.3V < VSUP < 18;
8V < VBAT < 18,
VSUP < VBUS < 1.08 * VSUP
(to be tested at VBUS = 18V)
20
µA
Table 24. Receiver
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Ibus_leak_dom
Input Leakage current at receiver
Driver OFF;
VBUS = 0V; VSUP = 12V; VCC = 3.3V
-1
mA
Ibus_no_GND
VSS = VSUP; VSUP = 12V;
0V < VBUS < 18V, VCC = 3.3V
(to be tested at VBUS = 18V)
-1
1
mA
Ibus_no_bat
VSUP = VSS; 0V < VBUS < 18V,
VCC = VSS
(to be tested at VBUS = 18V)
100
µA
Vbus_dom
0.4
VSUP
Vbus_rec
0.6
VSUP
Vbus_cnt
Vbus_cnt = (Vth_dom + Vth_rec)/2
1
1. Vth_dom : Receiver threshold of the recessive to dominant LIN bus edge
Vth_rec : Receiver threshold of the dominant to recessive LIN bus edge
0.475
0.525
VSUP
Vhys
Vhys = (Vth_dom – Vth_rec)
1
0.05
0.175
VSUP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com