Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8515 Datasheet(PDF) 20 Page - ams AG

Part # AS8515
Description  Data Acquisition System with Power Management and LIN Transceiver for 12V Battery Sensor Applications
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8515 Datasheet(HTML) 20 Page - ams AG

Back Button AS8515 Datasheet HTML 16Page - ams AG AS8515 Datasheet HTML 17Page - ams AG AS8515 Datasheet HTML 18Page - ams AG AS8515 Datasheet HTML 19Page - ams AG AS8515 Datasheet HTML 20Page - ams AG AS8515 Datasheet HTML 21Page - ams AG AS8515 Datasheet HTML 22Page - ams AG AS8515 Datasheet HTML 23Page - ams AG AS8515 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 65 page
background image
www.ams.com
Revision 0.7
20 - 65
AS8515
Datasheet - AS8515 To p Die Overview
7.15 MODE Input EN
The AS8515
Top die is switched from normal mode to the standby mode with a falling edge on EN and keeping Tx high for TSTNDY_trigger time.
Device is switched from standby mode to normal mode with a rising edge at the EN pin. The mode change for
Top die with a falling edge on EN
can be done independently from the state of the transceiver bus. This ensures the direct control of device to enter into standby mode by
microcontroller using EN pin.
Figure 12. EN Pin Functionality
The EN input has an internal active pull down to secure that if this pin is not connected, a low level will be generated.
Figure 13. Enable Interface
If the application doesn’t need the low-power modes of the device, a direct connection of EN to VCC is possible. In this case the
Top die
operates in permanent normal mode. Also possible is the external (outside of the module) control of the EN line via VSUP signal as shown
below.
EN
Tx
Normal Mode
Normal
Mode
Standby/Sleep
Mode
Ttx_su
Ttx_hd
TSTNDY_trigger
+
+
VCC
RESET
Tx
Rx
EN
VSUP
LIN
VSS
MCU
+3.3V
CLOAD
VBAT
CIN
VSENSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com