Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8515 Datasheet(PDF) 47 Page - ams AG

Part # AS8515
Description  Data Acquisition System with Power Management and LIN Transceiver for 12V Battery Sensor Applications
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8515 Datasheet(HTML) 47 Page - ams AG

Back Button AS8515 Datasheet HTML 43Page - ams AG AS8515 Datasheet HTML 44Page - ams AG AS8515 Datasheet HTML 45Page - ams AG AS8515 Datasheet HTML 46Page - ams AG AS8515 Datasheet HTML 47Page - ams AG AS8515 Datasheet HTML 48Page - ams AG AS8515 Datasheet HTML 49Page - ams AG AS8515 Datasheet HTML 50Page - ams AG AS8515 Datasheet HTML 51Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 65 page
background image
www.ams.com
Revision 0.7
47 - 65
AS8515
Datasheet - 4-Wi re SP I Interf ace
Figure 30. Protocol for Serial Data Read with Length = 4
9.1.4 Timing
In the following figures timing waveforms and parameters are exposed.
Figure 31. Timing for Writing
CS
SCLK
SDI
SDO
1
RE
S1
RE
S0
A
4
A
0
A
1
A
2
A
3
D
0
D
1
D
2
D
3
D
4
D
5
D
7
D
6
D
0
D
1
D
2
D
3
D
4
D
5
D
6
D
0
D
1
D
2
D
3
D
4
D
5
D
6
D
7
D
7
D
0
D
1
D
2
D
3
D
4
D
5
D
6
D
7
D
0
D
1
D
2
D
3
D
4
D
5
D
6
D
7
Data D7-D0 at
Address A4-A0
is read here
Data D7-D0 at
Address A4-A0 +1
is read here
Data D7-D0 at
Address A4-A0 +2
is read here
Data D7-D0 at
Address A4-A0 +3
is read here
Data D7-D0 at
Address A4-A0 +4
is read here
CS
SDI
SDO
SCLK
...
...
...
t
CPS
t
CPHD
t
DIS
t
DIH
CLK
polarity
DATAI
DATAI
DATAI
...
t CSH
t
SCLKH
t
SCLKL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com