Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8515 Datasheet(PDF) 17 Page - ams AG

Part # AS8515
Description  Data Acquisition System with Power Management and LIN Transceiver for 12V Battery Sensor Applications
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8515 Datasheet(HTML) 17 Page - ams AG

Back Button AS8515 Datasheet HTML 13Page - ams AG AS8515 Datasheet HTML 14Page - ams AG AS8515 Datasheet HTML 15Page - ams AG AS8515 Datasheet HTML 16Page - ams AG AS8515 Datasheet HTML 17Page - ams AG AS8515 Datasheet HTML 18Page - ams AG AS8515 Datasheet HTML 19Page - ams AG AS8515 Datasheet HTML 20Page - ams AG AS8515 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 65 page
background image
www.ams.com
Revision 0.7
17 - 65
AS8515
Datasheet - AS8515 To p Die Overview
7.12 Wake-up
When the device enters standby mode, it can be brought back to the normal mode. A dominant state on the BUS for duration of tWAKE (see Table
25) will result in the device wake-up which is termed as remote wake.
7.12.1 Remote Wake-up Event
In all low power modes of
Top die, low power BUS receiver is ON. If BUS is in dominant state for longer than tWAKE then, remote wake is
sensed on the BUS and REMOTE_WAKE_flag is set. Indication of wake-up is given to µC by setting a bit in interrupt register and giving interrupt
on INTN pin.
Figure 8. Remote Wake-up Event
Table 17. VSUP<Vsuvr_on
Block
Output Signal
TRANSCEIVER=Disabled
LIN=high-z, Rx=high-z…
LDO=Disabled
VCC=low
RESET BLOCK=Disabled
RESET=high-z
RESISTIVE DIVIDER=Disabled
VSENSE=high, VSENSE_DIV=low
REMOTE_WAKE_flag
Remote wake detected
>Twake
BUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com