Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8515 Datasheet(PDF) 59 Page - ams AG

Part # AS8515
Description  Data Acquisition System with Power Management and LIN Transceiver for 12V Battery Sensor Applications
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8515 Datasheet(HTML) 59 Page - ams AG

Back Button AS8515 Datasheet HTML 55Page - ams AG AS8515 Datasheet HTML 56Page - ams AG AS8515 Datasheet HTML 57Page - ams AG AS8515 Datasheet HTML 58Page - ams AG AS8515 Datasheet HTML 59Page - ams AG AS8515 Datasheet HTML 60Page - ams AG AS8515 Datasheet HTML 61Page - ams AG AS8515 Datasheet HTML 62Page - ams AG AS8515 Datasheet HTML 63Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 65 page
background image
www.ams.com
Revision 0.7
59 - 65
AS8515
Datasheet - 4-Wi re SP I Interf ace
Note:
All the registers from address 0x19 to 0x2C are read-only.
46
DEC_REG_R2_V
0000_0100
R/W
D[7:5]
Reserved
D[4]
Interrupt Mask Control for Voltage channel data Ready
Interrupt on INT pin (Default is 0)
0Unmasked
1Masked
D[3:2]
These two bits select the source of output 16-bit data in
Normal mode from Voltage channel. Default is 01
00
FIR / MA Output
01
CIC2 Output
10
Dechop/Demod Output
11
CIC Output
D[1:0]
Reserved
47
FIR CTL_REG_V
0000_0000
R/W
D[7]
This bit selects FIR / MA Filter in Voltage channel.
Default is 0 (FIR)
0FIR
1MA Filter
D[6:3]
These bits select the number of data samples for
averaging in MA filter in Voltage channel.
Default is 0000 (bypass)
0000
bypass
0001
1
0011
3
0111
7
1111
15
D[2:0]
Reserved
Table 49. Control Registers
Addr in
HEX
Register Name
POR Value
R/W
8-bit Control / Status Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com