Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8515 Datasheet(PDF) 25 Page - ams AG

Part # AS8515
Description  Data Acquisition System with Power Management and LIN Transceiver for 12V Battery Sensor Applications
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8515 Datasheet(HTML) 25 Page - ams AG

Back Button AS8515 Datasheet HTML 21Page - ams AG AS8515 Datasheet HTML 22Page - ams AG AS8515 Datasheet HTML 23Page - ams AG AS8515 Datasheet HTML 24Page - ams AG AS8515 Datasheet HTML 25Page - ams AG AS8515 Datasheet HTML 26Page - ams AG AS8515 Datasheet HTML 27Page - ams AG AS8515 Datasheet HTML 28Page - ams AG AS8515 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 65 page
background image
www.ams.com
Revision 0.7
25 - 65
AS8515
Datasheet - AS8515 To p Die Overview
Figure 16. Timing Diagram for Duty Cycle According to LIN 2.1 and J2602
TxD
BUS
100
%
VSS
0%
tdom(min)
tdom(max)
trec(max)
tx_dom_max
tx_dom_min
tx_rec_min
tx_rec_max
trec(min)
tBit
tBit
58.1%
61.6%
28.4%
25.1%
42.2%
38.9%
74.4%
77.8%
58.1%
61.6%
28.4%
25.1%
VSUP
Vth_rec(max)
Vth_dom(max)
Vth_rec(min)
Vth_dom(min)
tbus_dom(max)
tbus_rec(min)
tbus_dom(min)
tbus_rec(max)
LIN
TxD
tbit
tbit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com