Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8515 Datasheet(PDF) 19 Page - ams AG

Part # AS8515
Description  Data Acquisition System with Power Management and LIN Transceiver for 12V Battery Sensor Applications
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8515 Datasheet(HTML) 19 Page - ams AG

Back Button AS8515 Datasheet HTML 15Page - ams AG AS8515 Datasheet HTML 16Page - ams AG AS8515 Datasheet HTML 17Page - ams AG AS8515 Datasheet HTML 18Page - ams AG AS8515 Datasheet HTML 19Page - ams AG AS8515 Datasheet HTML 20Page - ams AG AS8515 Datasheet HTML 21Page - ams AG AS8515 Datasheet HTML 22Page - ams AG AS8515 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 65 page
background image
www.ams.com
Revision 0.7
19 - 65
AS8515
Datasheet - AS8515 To p Die Overview
7.14 Rx and Tx Interface
7.14.1 Input Tx
The 3.3V input Tx controls directly the BUS level. LIN Transmitter acts like a slew-controlled level shifter. A dominant state (low) on Tx leads to
the LIN bus being pulled low (dominant state) too. The Tx pin has an internal active pull up connected to VCC. This guarantees that an open Tx
pin generates a recessive BUS level.
Figure 10. Tx Interface
7.14.2 Output Rx
The received BUS signal will be output to the Rx pin:
BUS < Vthr_cnt – 0.5 * Vthr_hys
→ Rx = low
BUS > Vthr_cnt + 0.5 * Vthr_hys
→ Rx = high
This output is a push-pull driver between VCC and GND with an output current of 1mA
Figure 11. Rx Interface
VCC
Tx
AS8515
MCU
VCC
IPU_TxD
RC-Filter
(10ns)
Rx
VCC
AS8515
MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com