Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8515 Datasheet(PDF) 24 Page - ams AG

Part # AS8515
Description  Data Acquisition System with Power Management and LIN Transceiver for 12V Battery Sensor Applications
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8515 Datasheet(HTML) 24 Page - ams AG

Back Button AS8515 Datasheet HTML 20Page - ams AG AS8515 Datasheet HTML 21Page - ams AG AS8515 Datasheet HTML 22Page - ams AG AS8515 Datasheet HTML 23Page - ams AG AS8515 Datasheet HTML 24Page - ams AG AS8515 Datasheet HTML 25Page - ams AG AS8515 Datasheet HTML 26Page - ams AG AS8515 Datasheet HTML 27Page - ams AG AS8515 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 65 page
background image
www.ams.com
Revision 0.7
24 - 65
AS8515
Datasheet - AS8515 To p Die Overview
AC Electrical Characteristics.
LIN Driver, Bus load conditions (CBUS ; RBUS): 1nF; 1k
Ω / 6, 8nF; 660Ω / 10nF; 500Ω
7.17 Timing Diagrams
Figure 15. Timing Diagram for Propagation Delays
Table 25. LIN Driver
Symbol
Parameter
Condition
Min
Typ
Max
Unit
D1
(worst case 20Kbps transmission)
Vth_rec(max) = 0.744 x VSUP;
Vth_dom(max) = 0.581 x VSUP;
VSUP = 6.0V...18V; tbit = 50µs;
D1 = tbus_rec(min) / (2 x tbit)
0.396
D2
(worst case 20kbps transmission)
Vth_rec (min) = 0.422 x VSUP;
Vth_dom (min) = 0.284 x VSUP;
VSUP = 6V...18V; tbit = 50µs;
D2 = tbus_rec(max) / (2 x tbit)
0.581
D3
(worst case 10.4kbps transmission)
Vth_rec (max) = 0.778 x VSUP;
Vth_dom (max) = 0.616 x VSUP;
VSUP = 6.0V...18V; tbit = 96µs;
D3 = tbus_rec(min) / (2 x tbit)
0.417
D4
(worst case 10.4kbps transmission)
Vth_rec (min) = 0.389 x VSUP;
Vth_dom (min) = 0.251 x VSUP;
VSUP = 6V...18V; tbit = 96µs;
D4 = tbus_rec(max) / (2 x tbit)
0.59
tdLR
VCC = 3.3V;
Propagation delay bus dominant to Rx LOW
6µs
tdHR
VCC = 3.3V;
Propagation delay bus dominant to Rx HIGH
6µs
tRS
Receiver delay symmetry
-2
2
µs
tWAKE
Dominant time for wake-up via LIN bus
30
150
µs
tsln
Transition from standby mode to normal
mode (clock frequency is 128KHz ±25%)
4
Clock
cycles
tnsl
Transition from normal mode to standby
mode (clock frequency is 128KHz ±25%)
6
Clock
cycles
trec_deb
Receiver de-bounce time
0.6
3
µs
Cint
Internal capacitance of the LIN node
configured as a slave with a 180pF cap on
the LIN bus
220
250
pF
TxD
BUS
RxD
50%
50%
50%
50%
95%
5%
0%
100
%
tdf_TXD
tdr_TXD
tdf_RXD
tdr_RXD
VBUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com