Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8515 Datasheet(PDF) 42 Page - ams AG

Part # AS8515
Description  Data Acquisition System with Power Management and LIN Transceiver for 12V Battery Sensor Applications
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8515 Datasheet(HTML) 42 Page - ams AG

Back Button AS8515 Datasheet HTML 38Page - ams AG AS8515 Datasheet HTML 39Page - ams AG AS8515 Datasheet HTML 40Page - ams AG AS8515 Datasheet HTML 41Page - ams AG AS8515 Datasheet HTML 42Page - ams AG AS8515 Datasheet HTML 43Page - ams AG AS8515 Datasheet HTML 44Page - ams AG AS8515 Datasheet HTML 45Page - ams AG AS8515 Datasheet HTML 46Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 65 page
background image
www.ams.com
Revision 0.7
42 - 65
AS8515
Datasheet - AS8515 Bottom Die Overvi ew
Internal DVDD Power-on Reset.
Low Speed Oscillator.
High Speed Oscillator.
Notes:
1. Accuracy after trimming.
External Clock.
Table 39. Internal DVDD Power-on Reset
Symbol
Parameter
Min
Typ
Max
Units
VPORHID
Power On Reset Threshold
2.2
2.4
2.7
V
VHYST
Hysteresis
1
1. V
PORLO = VPORHI - VHYST where VPORLO is the lower threshold of POR.
0.2
0.25
0.4
V
tPORD
POR time - The duration from Power ON till the
time, internal Power On Reset signal goes
HIGH
2
2. V
PORLO = VPORHI - VHYST where VPORLO is the lower threshold of POR.
1µs
IPORD
Current
3
3. I
PORD can not be switched off.
1.5
µA
Table 40. Low Speed Oscillator
Symbol
Parameter
Min
Typ
Max
Units
fLS
Frequency
262.144
kHz
fLS_ACC
Accuracy
± 7
%
ILS
Supply current
5
µA
Table 41. High Speed Oscillator
Symbol
Parameter
Min
Typ
Max
Units
fHS
Frequency
4.096
MHz
fHSACC
Accuracy
1
±4
%
IHS
Supply current
300
µA
Table 42. External Clock
Symbol
Parameter
Conditions
Min
Typ
Max
Units
fCLKEXT
Clock frequency
2048/
4096/
8192
kHz
DIVCLKEXT
Clock division factor
to be programmed in Register 08
CLK_REG through the serial bus SPI.
2/4/8
DCCLKEXT
Duty Cycle of external clock
40
60
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com