Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8515 Datasheet(PDF) 39 Page - ams AG

Part # AS8515
Description  Data Acquisition System with Power Management and LIN Transceiver for 12V Battery Sensor Applications
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8515 Datasheet(HTML) 39 Page - ams AG

Back Button AS8515 Datasheet HTML 35Page - ams AG AS8515 Datasheet HTML 36Page - ams AG AS8515 Datasheet HTML 37Page - ams AG AS8515 Datasheet HTML 38Page - ams AG AS8515 Datasheet HTML 39Page - ams AG AS8515 Datasheet HTML 40Page - ams AG AS8515 Datasheet HTML 41Page - ams AG AS8515 Datasheet HTML 42Page - ams AG AS8515 Datasheet HTML 43Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 65 page
background image
www.ams.com
Revision 0.7
39 - 65
AS8515
Datasheet - AS8515 Bottom Die Overvi ew
Sigma Delta Analog to Digital Converter.
Notes:
1. Production test at ±800mV. Maximum VIN can be 1.22V with VREF=1.225V.
2. Programmable. It is defined with respect to the first decimator in the
ΣΔ ADC.
3. Programmable: Internal clock is 1024/2048 kHz; external clock max is 8192 kHz.
4. Dependent on fovs, R1 and R2. The bandwidth is calculated according to the formula:
BW=fovs/(2*R1*R2); the sampling frequency at the output of the A/D converter is 2*BW.
5. Defined at maximum input signal, BW=500 Hz (1Hz to 500 Hz), fovs=1024 kHz, R1=64, fchop=2 kHz and R2=2.
6. Reference voltage might be forced from external.
Bandgap Reference Voltage.
Notes:
1. Accuracy at 65ºC. No DC current is allowed from this pin.
2. Specification does not include solder shift and life time drift.
3. Please refer Figure 26 for typical life time drift based on system level measurements.
4. This is a design parameter and not production tested.
Table 34. Sigma Delta Analog to Digital Converter
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VREF
Reference voltage
6
1.225
V
VINADC
Input range
1
At VREF = 1.22V
0±1.22
V
R1
Oversampling ratio/Decimation Ratio
2
64
128
128
fOVS
Oversampling frequency
3
1024/
2048
kHz
RES
Number of bits
16
bits
BW
Bandwidth
4
1
500
Hz
S/N
Signal to noise ratio
5
90
dB
Table 35. Bandgap Reference Voltage
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VREFTRIM
Reference Voltage after trim
1, 2, 3
Trim at 65ºC
1.225
V
VREFACC
Reference Voltage Initial Accuracy
1, 2, 3
At 65ºC (0 Hour data)
±3.5
mV
VREFDRIFT
Reference Voltage Temperature drift
Temperature range
-20ºC to 65ºC
±0.4
%
Temperature range
-40ºC to 125ºC
+0.4/
-0.6
%
PSRRREF
PSR @ dc
80
dB
SUTAVDD
Start Up Time with supply ramp
4
5ms
SUTPD
Start Up Time from power down
4
1ms
RNDVREF
Output resistance of band gap
500
1000
Ω
VNDVREF
Bandgap reference thermal noise density
4
300
nV/
√Hz
CLVREF
Output Capacitor (Ceramic)
100
nF
ESRVREF
0.02
1
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com