Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8515 Datasheet(PDF) 18 Page - ams AG

Part # AS8515
Description  Data Acquisition System with Power Management and LIN Transceiver for 12V Battery Sensor Applications
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8515 Datasheet(HTML) 18 Page - ams AG

Back Button AS8515 Datasheet HTML 14Page - ams AG AS8515 Datasheet HTML 15Page - ams AG AS8515 Datasheet HTML 16Page - ams AG AS8515 Datasheet HTML 17Page - ams AG AS8515 Datasheet HTML 18Page - ams AG AS8515 Datasheet HTML 19Page - ams AG AS8515 Datasheet HTML 20Page - ams AG AS8515 Datasheet HTML 21Page - ams AG AS8515 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 65 page
background image
www.ams.com
Revision 0.7
18 - 65
AS8515
Datasheet - AS8515 To p Die Overview
7.13 LIN BUS Transceiver
The AS8515 has an integrated bi-directional bus interface device for data transfer between LIN bus and the LIN protocol controller. The
transceiver consists of a driver with slew rate control, wave shaping and current limitation and a receiver with high voltage comparator followed
by a de-bouncing unit.
7.13.1 Transmit Mode
During transmission the data at the pin Tx will be transferred to the BUS driver to generate a bus signal. To minimize the electromagnetic
emission of the bus line, the BUS driver has an integrated slew rate control and wave shaping unit.
Transmitting will be interrupted in the following cases:

Thermal Shutdown active

Master Reset (VSUP < Vsuvr_on)
The recessive BUS level is generated from the integrated 30k pull up resistor in serial with an active diode This diode prevents the reverse
current of VBUS during differential voltage between VSUP and BUS (VBUS>VSUP). No additional termination resistor is necessary to use the
AS8515 in LIN slave nodes. If this IC is used for LIN master nodes it is necessary that the BUS pin is terminated via an external 1k
Ω resistor in
series with a diode to VSENSE.
7.13.2 Receive Mode
The data signals from the BUS pin will be transferred continuously to the pin Rx. Short spikes on the bus signal are suppressed by the
implemented debouncing circuit. Including all tolerances the LIN specific receive threshold values of 0.4*VSUP and 0.6*VSUP will be securely
observed.
Figure 9. Receive Mode Impulse Diagram
t < tdeb_BUS
t < tdeb_BUS
Rx
BUS
40%
50%
60%
Vthr_max
Vthr_min
Vthr_hys
Vthr_cnt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com