Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8515 Datasheet(PDF) 34 Page - ams AG

Part # AS8515
Description  Data Acquisition System with Power Management and LIN Transceiver for 12V Battery Sensor Applications
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8515 Datasheet(HTML) 34 Page - ams AG

Back Button AS8515 Datasheet HTML 30Page - ams AG AS8515 Datasheet HTML 31Page - ams AG AS8515 Datasheet HTML 32Page - ams AG AS8515 Datasheet HTML 33Page - ams AG AS8515 Datasheet HTML 34Page - ams AG AS8515 Datasheet HTML 35Page - ams AG AS8515 Datasheet HTML 36Page - ams AG AS8515 Datasheet HTML 37Page - ams AG AS8515 Datasheet HTML 38Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 65 page
background image
www.ams.com
Revision 0.7
34 - 65
AS8515
Datasheet - AS8515 Bottom Die Overvi ew
TDATA_STATUS_RD is the time period during which the micro-controller should complete reading of data and status from the device. If reading is
carried out beyond this time period, then, ADC performance will degrade for next sample generation. Status register gets cleared automatically
only when micro-controller reads this register. Data in the channel registers is changed after TDATA_VALID duration. Ensure that data channel
registers and status registers are not read during the TDATA_INVALID duration.
Example:
Configuration registers are set as follows:
CLK_REG = 8’b0010_0000
DEC_REG_R1_I = 0100_0101
DEC_REG_R2_I = 1100_0101
FIR_CTL_REG_I = 0000_0100
ADC is configured to a data rate of 1KHz, CHOP_CLK to 2KHz, and Modulator clock to 1MHz, Decimation ratio of CIC1 = 64, and Decimation
ratio of CIC2 = 4. With these settings the various time periods as shown in the Figure 23 are as follows:
TDATA_STATUS_RD = 100
μsec
(TDATA_STATUS_RD = (1/mod_clk) * R1 * [((mod_clk/(2*chop_clk))*(1/R1)) - 2.5)
TDATA_INVALID = 8
μsec
TADC = 1msec
TDATA_VALID = TADC - TDATA_INVALID = 1msec - 8
μsec
CHOP_CLK and POR_N are internal signals of the device.
Table 29 provides valid combinations of Modulator clock, Chopper clock and Decimation R1 and the corresponding values of TDATA_STATUS_RD and
TADC.
8.8.1 Soft-reset of Device Using Bit D[7] of Reset Register 0x09
It is possible to soft-reset the device by writing “0” into D[7] bit of Reset Register at 0x09. On applying soft-reset, the device enters into
initialization state and D[6] bit changes back to “1”. The duration period of Initialization is 500
μsec, and, during this period, INT pin toggles at the
rate of internal low power oscillator. Toggling on INT during the period of initialization should be ignored in the system. Device configuration and
activation should be carried out only after the initialization period. See Figure 24 for the timing details of the sequence of device initialization on
soft-reset.
Table 29. Valid Combinations of Modulator Clock, Chopper Clock and Decimation Ratio R1
Modulator Clock
Chopper Frequency
CHOP_CLK
Decimation Ratio R1
TDATA_STATUS_RD
TADC
R2/(2*CHOP_CLK)
for R2=4
1.024MHz
2KHz
64
1usec * 64 * [4 - 2.5] = 96usec
1mSec
2.048MHz
2KHz
64
0.5usec * 64 * [8 - 2.5] = 176usec
1mSec
2.048MHz
2KHz
128
0.5usec * 128 * [4 - 2.5] = 96usec
1mSec
2.048MHz
4KHz
64
0.5usec * 64 * [4 - 2.5] = 48usec
0.5mSec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com