Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8515 Datasheet(PDF) 43 Page - ams AG

Part # AS8515
Description  Data Acquisition System with Power Management and LIN Transceiver for 12V Battery Sensor Applications
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8515 Datasheet(HTML) 43 Page - ams AG

Back Button AS8515 Datasheet HTML 39Page - ams AG AS8515 Datasheet HTML 40Page - ams AG AS8515 Datasheet HTML 41Page - ams AG AS8515 Datasheet HTML 42Page - ams AG AS8515 Datasheet HTML 43Page - ams AG AS8515 Datasheet HTML 44Page - ams AG AS8515 Datasheet HTML 45Page - ams AG AS8515 Datasheet HTML 46Page - ams AG AS8515 Datasheet HTML 47Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 65 page
background image
www.ams.com
Revision 0.7
43 - 65
AS8515
Datasheet - AS8515 Bottom Die Overvi ew
Internal Temperature Sensor.
8.9.2 System Specifications
System Measurement Error Budget for Voltage and Current Channel.
Temperature Range: -20ºC to +65ºC; Output data rate is 1kHz, VCC = 3.3V, chopping enabled.
Notes:
1. These specifications are defined by taking one channel as reference and measured on the other channel.
2. Guaranteed by design.
3. System measurement error due to noise, individual block parameter drifts and non linearity. Based on evaluation, not tested.
4. System error due to offset is neglected because of chopper architecture.
Table 43. Internal Temperature Sensor
Symbol
Parameter
Conditions
Min
Typ
Max
Units
TINTRNG
Temperature sensor range
-40
125
ºC
ΔTIN
Temperature measurement accuracy
3
ºC
TINTSLP
Temperature sensor slope
Guaranteed by design; at PGA gain 5
which is the recommended Gain for
internal temperature measurement.
27
Digits/C
TINT65G5
Temperature sensor output at gain 5
40660
41807
43012
Digits
Table 44. System Specifications
Symbol
Parameter
Min
Typ
Max
Units
IS
Channel to channel isolation
1
-90
dB
At
Difference in channel to channel attenuation
@600Hz
1, 2
3dB
Ph
Difference in phase shift between the two
channels @600Hz
1, 2
5Deg
Table 45. System Measurement Error Budget for Gains 5 and 25
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Err
System measurement error
3, 4
±0.6
1
%
Measurement error due to PGA gain drift
From device evaluation
±0.5
%
Measurement error due to VREF drift
±0.4
%
Measurement error due to non-linearity of PG Tested by distortion measurements
±0.025
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com