Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8515 Datasheet(PDF) 48 Page - ams AG

Part # AS8515
Description  Data Acquisition System with Power Management and LIN Transceiver for 12V Battery Sensor Applications
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8515 Datasheet(HTML) 48 Page - ams AG

Back Button AS8515 Datasheet HTML 44Page - ams AG AS8515 Datasheet HTML 45Page - ams AG AS8515 Datasheet HTML 46Page - ams AG AS8515 Datasheet HTML 47Page - ams AG AS8515 Datasheet HTML 48Page - ams AG AS8515 Datasheet HTML 49Page - ams AG AS8515 Datasheet HTML 50Page - ams AG AS8515 Datasheet HTML 51Page - ams AG AS8515 Datasheet HTML 52Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 65 page
background image
www.ams.com
Revision 0.7
48 - 65
AS8515
Datasheet - 4-Wi re SP I Interf ace
Figure 32. Timing for Reading
9.2 Bottom Die Registers
This section describes the control registers used in AS8515
Bottom die. Registers can be broadly classified into the following categories.

Data access registers

Status Registers

Digital signal path control registers

Digital Control registers

Analog Control Registers
Table 49. Control Registers
Addr in
HEX
Register Name
POR Value
R/W
8-bit Control / Status Data
Data Access Registers
00
DREG_I1
(ADC Data Register for Current)
0000_0000
R
D[7:0]
Denotes the Current ADC MSB Byte (ADC_I[15:8])
01
DREG_I2
(ADC Data Register for Current)
0000_0000
R
D[7:0]
Denotes the Current ADC LSB Byte (ADC_I[7:0])
02
DREG_V1
(ADC Data Register for Voltage)
0000_0000
R
D[7:0]
Denotes the Voltage ADC MSB Byte (ADC_V[15:8])
03
DREG_V2
(ADC Data Register for Voltage)
0000_0000
R
D[7:0]
Denotes the Voltage ADC LSB Byte (ADC_V[7:0])
CS
SCLK
SDI
SDO
t
DOHZ
t
DOD
DATAI
DATAI
DATAO (D7)
DATAO (D0)
t
SCLKH
t
SCLKL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com