Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8515 Datasheet(PDF) 26 Page - ams AG

Part # AS8515
Description  Data Acquisition System with Power Management and LIN Transceiver for 12V Battery Sensor Applications
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8515 Datasheet(HTML) 26 Page - ams AG

Back Button AS8515 Datasheet HTML 22Page - ams AG AS8515 Datasheet HTML 23Page - ams AG AS8515 Datasheet HTML 24Page - ams AG AS8515 Datasheet HTML 25Page - ams AG AS8515 Datasheet HTML 26Page - ams AG AS8515 Datasheet HTML 27Page - ams AG AS8515 Datasheet HTML 28Page - ams AG AS8515 Datasheet HTML 29Page - ams AG AS8515 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 65 page
background image
www.ams.com
Revision 0.7
26 - 65
AS8515
Datasheet - AS8515 To p Die Overview
7.17.1 Tx Timeout Watchdog
7.17.2 Temperature Limiter
7.18 Top Die Registers
The serial interface can be used for communication between AS8515 and an external microcontroller. The device is only a slave and the
microcontroller has to initiate the communication. The device can be configured by writing into the control registers and the diagnostic
information can be read out from the diagnostic registers. Pin CST is used as chip select for SPI communication.
A total of 32 registers, each of 8-bits which include configuration, diagnostic, and backup are available. The registers can be accessed using the
4-wire serial interface. Table 28 provides a description of all AS8515
Top die registers.
Table 26. Tx Timeout Watchdog
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tlin_wdog
Timeout period for the dominant state
0.5
1
2
s
Table 27. Temperature Limiter
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Tsd
Shut down temperature
Junction temperature
155
170
185
ºC
Totset
Over-temperature warning
142
157
172
ºC
Tret
Return temperature
125
140
155
ºC
Table 28. AS8515 Top Die Registers
Address Register Name Default Value
R/W
Description
Configuration and Control Registers
0x00
Reserved
0x01
Reserved
0x02
Reserved
0x03
Device
Configuration
Register
On POR_VCC
0000_1100
R/W
D0 Reserved
D1 Voltage Attenuator Enable Bit.
0 Disabled, 1 Enabled
D2 Enable/Disable Over Temperature Monitor
0 Disabled, 1 Enabled
D3 Enable/Disable LIN Transceiver
0 Disabled, 1 Enabled
D4 Reserved
D5-D7 Reserved
0x04
Device Control
Register
On POR_VSUP
0000_0001
R/W
D0 High-slew / Low-slew control
1 High-slew, 0 Low-slew
D1-D7 Reserved
0x05
Temporary
Shutdown
Register
On POR_VCC
0000_0000
R/W
D0 Temporary shutdown control bit
1 Enter temporary shutdown
D1-D7 Reserved
0x06
Window Watch
Dog Trigger
Register
On POR_VCC
0000_0000
W
D0 Window Watchdog trigger bit
D1 Timeout Watchdog trigger bit
Upon a trigger, the bit will be cleared within 2 internal clock cycles.
D2-D7 Reserved
0x07
Reserved
0x0A
Reserved
0x0B
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com