Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8515 Datasheet(PDF) 21 Page - ams AG

Part # AS8515
Description  Data Acquisition System with Power Management and LIN Transceiver for 12V Battery Sensor Applications
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8515 Datasheet(HTML) 21 Page - ams AG

Back Button AS8515 Datasheet HTML 17Page - ams AG AS8515 Datasheet HTML 18Page - ams AG AS8515 Datasheet HTML 19Page - ams AG AS8515 Datasheet HTML 20Page - ams AG AS8515 Datasheet HTML 21Page - ams AG AS8515 Datasheet HTML 22Page - ams AG AS8515 Datasheet HTML 23Page - ams AG AS8515 Datasheet HTML 24Page - ams AG AS8515 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
www.ams.com
Revision 0.7
21 - 65
AS8515
Datasheet - AS8515 To p Die Overview
Figure 14. EN Connection for Permanent Normal Mode
7.16 Top Die Block Specifications
This section provides specification of design related key parameters.
7.16.1 Voltage Attenuator
Table 18. Voltage Attenuator
Symbol
Parameter
Condition
Min
Typ
Max
Unit
RDIV
Division ratio
21
V/V
VSENSE
Input voltage range/
Battery voltage range
4.5
12
18
V
εp,RDIV
Ratio error
At room temperature, VSENSE=12V
±1
%
εdt1,RDIV
Ratio drift
(with reference to Temperature)
Temperature: -25 to +65º @VSENSE=12V
Maximum values will be added after device
evaluation (to be guaranteed by evaluation)
±0.05
%
εdt2,RDIV
Temperature: -40 to +125º @VSENSE=12V
Maximum values will be added after device
evaluation (to be guaranteed by evaluation)
±0.2
εdv1,RDIV
Ratio drift
(with reference to VSENSE)
VSENSE: 11V to 13V @Temperature=27º
Maximum values will be added after device
evaluation (to be guaranteed by evaluation)
±0.05
%
εdv2,RDIV
VSENSE: 6V to 18V @Temperature=27º
Maximum values will be added after device
evaluation (to be guaranteed by evaluation)
±0.2
+
+
VCC
RESET
Tx
Rx
EN
VSUP
LIN
VSS
MCU
+3.3V
CLOAD
VBAT
CIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com