Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8515 Datasheet(PDF) 37 Page - ams AG

Part # AS8515
Description  Data Acquisition System with Power Management and LIN Transceiver for 12V Battery Sensor Applications
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8515 Datasheet(HTML) 37 Page - ams AG

Back Button AS8515 Datasheet HTML 33Page - ams AG AS8515 Datasheet HTML 34Page - ams AG AS8515 Datasheet HTML 35Page - ams AG AS8515 Datasheet HTML 36Page - ams AG AS8515 Datasheet HTML 37Page - ams AG AS8515 Datasheet HTML 38Page - ams AG AS8515 Datasheet HTML 39Page - ams AG AS8515 Datasheet HTML 40Page - ams AG AS8515 Datasheet HTML 41Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 65 page
background image
www.ams.com
Revision 0.7
37 - 65
AS8515
Datasheet - AS8515 Bottom Die Overvi ew
Differential Input Amplifier for Current Channel.
Notes:
1. Leakage test accuracy is limited by tester resource accuracy and tester hardware.
2. For gain 100 PGA input common mode is 0V and the minimum supply is 3.15V.
3. The measurement ranges are referred only by the gain of input amplifier, while other parameters such as bandwidth etc. are pro-
grammed independently.
4. This parameter is not measured directly in production. It is measured indirectly via gain measurements of the whole path. It is guaran-
teed by design.
5. Pole frequency of input amplifier changes with GAIN. The number is valid for the gain at G1, while the bandwidth will be higher for other
ranges. This parameter is not measured in production.
6. Based on device evaluation. Not tested.
7. These offsets are cancelled if chopping enabled (default).
8. Noise density calculated by taking system bandwidth as 150Hz.
9. Refer to Measurement Ranges shown in Table 30.
10. No impact on the measurement path. If the chopping is enabled, both the offset and offset drift will be eliminated.
11. For negative input voltages up to -160mV below ground, Input leakage is typically -20nA @ 65ºC due to forward conductance of
protection diode.
Table 32. Differential Input Amplifier for Current Channel
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN_AMP
Input voltage range
RSHH and RSHL
-160
+160
mV
IIN_AMP
Input current
1, 11
RSHH and RSHL@ +160mV input
voltage at 125ºC with PGA
-50
2
50
nA
ICM
Absolute input voltage range
2
-160
+300
mV
G = G1
Gain1
3, 4, 9
I10
100
G = G2
Gain2
3, 4, 9
I200
40
G = G3
Gain3
3, 4, 9
I400
25
G = G4
Gain4
3, 4, 9
I1500
5
e
Gain deviation
i = 1, 2, 3, 4
0.9 * Gi
1.1 * Gi
fP_AMP
Pole frequency
4, 5
15
kHz
εT1
Gain drift with temperature
6
-20ºC to +65ºC
Gain 5, 25, referenced to room
temperature
±0.5
%
VOSDRIFT
Offset drift with temperature
7, 10
350
µV
Vos
Input referred offset
7, 10
After trim at -20deg
350
µV
Vos_ch
Chopping enabled
0
LSB
VNdin
Noise density
4, 8
25
nV/
√Hz
THD
Total harmonic distortion
For 150 Hz input signal
70
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com