Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8515 Datasheet(PDF) 60 Page - ams AG

Part # AS8515
Description  Data Acquisition System with Power Management and LIN Transceiver for 12V Battery Sensor Applications
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8515 Datasheet(HTML) 60 Page - ams AG

Back Button AS8515 Datasheet HTML 56Page - ams AG AS8515 Datasheet HTML 57Page - ams AG AS8515 Datasheet HTML 58Page - ams AG AS8515 Datasheet HTML 59Page - ams AG AS8515 Datasheet HTML 60Page - ams AG AS8515 Datasheet HTML 61Page - ams AG AS8515 Datasheet HTML 62Page - ams AG AS8515 Datasheet HTML 63Page - ams AG AS8515 Datasheet HTML 64Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 65 page
background image
www.ams.com
Revision 0.7
60 - 65
AS8515
Datasheet - Application In form atio n
10 Application Information
Figure 33. Application Diagram
Note:
Keep the differential input signal lines short, symmetric, and as close as possible. Use of PCB shielding layers is recommended, but
consider Eddy currents for fast changes in shunt current and related parasitic signal / ground shift generation.
Note:
VSENSE_IN, VSENSE_GND, MEN, and CHOP_CLK should be left unconnected.
100nF
100nF
12V
Battery
+-
100µohm
CSB
RSHH
VREF
VCM
AVDD
AVSS
ETR
ETS
VSENSE_IN
AS8515
SDI
MEN
CHOP_CLK
SDO
DVDD
DVSS
3.3V
3.3V
VBAT
22µF
200nF
SUP
Diode
µC
Optional
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com