Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8525 Datasheet(PDF) 7 Page - ams AG

Part # AS8525
Description  LIN Transceiver with Voltage Regulators, Programmable Gain High Side Amplifier, and Voltage Attenuator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8525 Datasheet(HTML) 7 Page - ams AG

Back Button AS8525 Datasheet HTML 3Page - ams AG AS8525 Datasheet HTML 4Page - ams AG AS8525 Datasheet HTML 5Page - ams AG AS8525 Datasheet HTML 6Page - ams AG AS8525 Datasheet HTML 7Page - ams AG AS8525 Datasheet HTML 8Page - ams AG AS8525 Datasheet HTML 9Page - ams AG AS8525 Datasheet HTML 10Page - ams AG AS8525 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
www.ams.com/AS8525
Revision 2.3
6 - 37
AS8525
Datasheet - Pin Assignm ents
VBG_IN
11
Analog Input
Low noise Bandgap reference voltage input
NC
12
Not connected
INT
13
Digital Input
Reference input for time-out Watchdog in the device standby
mode
MEN
14
Digital I/O with Pull-Down Enable input for analog signal paths in the device standby mode
CLK
15
Digital Input with Pull-Down Chopper clock input
RESET
16
Digital Output
Reset output (active low)
SDI
17
Digital Input with Pull-Down
Serial data in
SCLK
18
Serial clock
SDO
19
Digital Output / Tristate
Serial data out
CS
20
Digital Input with Pull-Up
Chip select
RX
21
Digital I/O with Pull-Up
LIN transceiver receive pin
TX
22
LIN transceiver transmit pin
AVCC
23
Supply
Regulated 3.3V(/OTP selectable 5V) regulated output supply-2 for
loads up to 50mA
Note:
The OTP selection option is common for VCC & AVCC
VCC
24
Regulated 3.3V(/OTP selectable 5V) regulated output supply-1 for
loads up to 50mA
EN
25
Digital Input with Pull-Down Enable input
VSUP
26
Supply
Supply input from battery (through external reverse polarity
protection device)
27
LIN
28
Analog Input / Output
LIN bus
NC
29
Not connected
VSS1
30
Ground
Ground
VSS2
31
Ground (VCC and AVCC are generated with reference to this
ground)
NC
32
Not connected
Table 1. Pin Descriptions
Pin Name
Pin Number
Pin Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com