Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8525 Datasheet(PDF) 15 Page - ams AG

Part # AS8525
Description  LIN Transceiver with Voltage Regulators, Programmable Gain High Side Amplifier, and Voltage Attenuator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8525 Datasheet(HTML) 15 Page - ams AG

Back Button AS8525 Datasheet HTML 11Page - ams AG AS8525 Datasheet HTML 12Page - ams AG AS8525 Datasheet HTML 13Page - ams AG AS8525 Datasheet HTML 14Page - ams AG AS8525 Datasheet HTML 15Page - ams AG AS8525 Datasheet HTML 16Page - ams AG AS8525 Datasheet HTML 17Page - ams AG AS8525 Datasheet HTML 18Page - ams AG AS8525 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
www.ams.com/AS8525
Revision 2.3
14 - 37
AS8525
Datasheet - Electrical Character i s t ics
6.2.8 Other Modules
Table 14. Other Modules
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Vuvr_off
VCC under-voltage threshold off (default)
Rising edge of VCC
2.55
2.95
V
Vuvr_on
VCC under-voltage threshold on (default)
Falling edge of VCC
2.3
2.7
V
Vuvr1_off
VCC under voltage threshold off (factory
option)
Rising edge of VCC
3.0
3.4
V
Vuvr1_on
VCC under voltage threshold on (factory
option)
Falling edge of VCC
2.75
3.15
V
Vuvr2_off
VCC under voltage threshold off (factory
option)
Rising edge of VCC
3.5
3.9
V
Vuvr2_on
VCC under voltage threshold on (factory
option)
Falling edge of VCC
3.25
3.65
V
Vuvr3_off
VCC under-voltage threshold off (factory
option)
Rising edge of VCC
4.0
4.4
V
Vuvr3_on
VCC under voltage threshold on (factory
option)
Falling edge of VCC
3.75
4.15
V
Vhyst_vcc
Hysteresis of under-voltage threshold on/
off VCC
For all OTP options
0.1
0.25
0.4
V
trr
Glitch filter on VCC under-voltage
detection
See Reset Functionality (page 18)
4µs
Vsuvr_off
VSUP under-voltage threshold off
Rising edge of VSUP
5.1
V
Vsuvr_on
VSUP under-voltage threshold on
Falling edge of VSUP
3.8
V
WD_TCL
WWD non-service time (factory option)
RESET will be generated
0-75
0-100
0-125
ms
WD_TSV
WWD Service time (factory option)
RESET will not be generated
75-150 100-200 125-250
ms
WD_TCL1
WWD non-service time (factory option)
RESET will be generated
0-60
0-80
0-100
ms
WD_TSV1
WWD Service time (factory option)
RESET will not be generated
60-120
80-160 100-200
ms
WD_TCL2
WWD non-service time (factory option)
RESET will be generated
0-45
0-60
0-75
ms
WD_TSV2
WWD Service time (factory option)
RESET will not be generated
45-90
60-120
75-150
ms
WD_TCL3
WWD non-service time (factory option)
RESET will be generated
0-150
0-200
0-250
ms
WD_TSV3
WWD Service time (factory option)
RESET will not be generated
150-300 200-400 250-500
ms
WD_TCL4
WWD non-service time (factory option)
RESET will be generated
0-120
0-160
0-200
ms
WD_TSV4
WWD Service time (factory option)
RESET will not be generated
120-240 160-320 200-400
ms
WD_TCL5
WWD non-service time (factory option)
RESET will be generated
0-90
0-120
0-150
ms
WD_TSV5
WWD Service time (factory option)
RESET will not be generated
90-180 120-240 150-300
ms
WD_T
TWD service time
T is configured through SPI
0.75*T
T
1.25*T
s
tRes
Reset period
Min = -25% and Max = +50%
6
8
12
ms
Tshd
Temporary shutdown reset active time
0.1
1
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com