Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8525 Datasheet(PDF) 13 Page - ams AG

Part # AS8525
Description  LIN Transceiver with Voltage Regulators, Programmable Gain High Side Amplifier, and Voltage Attenuator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8525 Datasheet(HTML) 13 Page - ams AG

Back Button AS8525 Datasheet HTML 9Page - ams AG AS8525 Datasheet HTML 10Page - ams AG AS8525 Datasheet HTML 11Page - ams AG AS8525 Datasheet HTML 12Page - ams AG AS8525 Datasheet HTML 13Page - ams AG AS8525 Datasheet HTML 14Page - ams AG AS8525 Datasheet HTML 15Page - ams AG AS8525 Datasheet HTML 16Page - ams AG AS8525 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
www.ams.com/AS8525
Revision 2.3
12 - 37
AS8525
Datasheet - Electrical Character i s t ics
6.2.5 LIN Transceiver
Table 10. DC Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Driver
Ibus_lim
Current limitation in Dominant State LIN=VSUP_max
40
120
200
mA
LIN_VOL
Output Voltage BUS (dominant state), ILIN=40mA
(short-circuit condition tested at VOL=2.5V)
2V
Pull-up resistor
Normal mode (recessive BUS level on TX pin)
20
40
60
k
Ω
Ibus_leak_rec
Driver OFF; 7.3V < VSUP < 18;
8V < VBUS < 18, VSUP < VBUS < 1.08 * VSUP
(to be tested at VBUS=18V)
20
µA
Receiver
Ibus_leak_dom
Input Leakage current at receiver
Driver OFF; Vbus=0V; VSUP=12V; VCC=5V
-1
mA
Ibus_no_GND
VSS=VSUP;
VSUP=12V; 0V < VBUS < 18V, VCC=5V
(to be tested at VBUS=18V)
-1
1
mA
Ibus_no_bat
VSUP=VSS; 0V < VBUS < 18V, VCC=VSS
(to be tested at VBUS=18V)
100
µA
Vbus_dom
0.4
VSUP
Vbus_rec
0.6
VSUP
Vbus_cnt
Vbus_cnt = (Vth_dom + Vth_rec)/2
1
1. Vth_dom: Receiver threshold of the recessive to dominant LIN bus edge,
Vth_rec: Receiver threshold of the dominant to recessive LIN bus edge
0.475
0.525
VSUP
Vhys
Vhys = (Vth_dom – Vth_rec)
1
0.05
0.175
VSUP
Table 11. AC Electrical Characteristics
Symbol
Conditions
Min
Typ
Max
Units
LIN Driver, Bus load conditions (CBUS; RBUS): 1nF; 1k
Ω / 6.8nF; 660Ω / 10nF; 500Ω
D1
Worst case 20Kbps
transmission
Vth_rec (max) = 0.744 x VSUP;
Vth_dom (max) = 0.581 x VSUP;
VSUP = 6.0V...18V; tbit = 50μs;
D1 = tbus_rec (min) / (2 x tbit)
OTP selection = High Slew Mode
0.396
D2
Worst case 20kbps
transmission
Vth_rec (min) = 0.422 x VSUP;
Vth_dom (min) = 0.284 x VSUP;
VSUP = 6V...18V; tbit = 50μs;
D2 = tbus_rec (max) / (2 x tbit)
OTP selection = High Slew Mode
0.581
D3
Worst case 10.4kbps
transmission
Vth_rec (max) = 0.778 x VSUP;
Vth_dom (max) = 0.616 x VSUP;
VSUP = 6.0V...18V; tbit = 96μs;
D3 = tbus_rec (min) / (2 x tbit)
OTP selection = Low Slew Mode
0.417



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com