Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8525 Datasheet(PDF) 17 Page - ams AG

Part # AS8525
Description  LIN Transceiver with Voltage Regulators, Programmable Gain High Side Amplifier, and Voltage Attenuator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8525 Datasheet(HTML) 17 Page - ams AG

Back Button AS8525 Datasheet HTML 13Page - ams AG AS8525 Datasheet HTML 14Page - ams AG AS8525 Datasheet HTML 15Page - ams AG AS8525 Datasheet HTML 16Page - ams AG AS8525 Datasheet HTML 17Page - ams AG AS8525 Datasheet HTML 18Page - ams AG AS8525 Datasheet HTML 19Page - ams AG AS8525 Datasheet HTML 20Page - ams AG AS8525 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
www.ams.com/AS8525
Revision 2.3
16 - 37
AS8525
Datasheet - Electrical Character i s t ics
6.3 Timing Diagrams
Figure 3. Timing Diagrams for Propagation Delays
Figure 4. Timing Diagram for Duty Cycle According to LIN 2.1 and J2602
TxD
BUS
RxD
50%
50%
50%
50%
95%
5%
0%
100%
tdf_TXD
tdr_TXD
tdf_RXD
tdr_RXD
VBUS
Vth_rec(max)
Vth_dom(max)
Vth_rec(min)
Vth_dom(min)
tbus_dom(max)
tbus_rec(min)
tbus_dom(min)
tbus_rec(max)
TXD
tbit
tbit
LIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com