Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8525 Datasheet(PDF) 23 Page - ams AG

Part # AS8525
Description  LIN Transceiver with Voltage Regulators, Programmable Gain High Side Amplifier, and Voltage Attenuator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8525 Datasheet(HTML) 23 Page - ams AG

Back Button AS8525 Datasheet HTML 19Page - ams AG AS8525 Datasheet HTML 20Page - ams AG AS8525 Datasheet HTML 21Page - ams AG AS8525 Datasheet HTML 22Page - ams AG AS8525 Datasheet HTML 23Page - ams AG AS8525 Datasheet HTML 24Page - ams AG AS8525 Datasheet HTML 25Page - ams AG AS8525 Datasheet HTML 26Page - ams AG AS8525 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
www.ams.com/AS8525
Revision 2.3
22 - 37
AS8525
Datasheet - Application In form atio n
Table 16. Transition Table
Transition
Interface
Reg.
0x05
D0
Flags
From mode
To mode
LIN
RX
TX
EN
rwake Uvbat
OT
Uvcc
Comments
Normal Mode
Stand-By
X-RS
X-H
2
H
3
H-L
3
L
X
X
inactive
inactive
TX is high for
TSTNDY_trigger
Sleep
1
1. Chosen by OTP option
X-RS
X-H
2
H
3
H-L
3
LX
X
inactive
set
TX is high for
TSTNDY_trigger
1
Temporary
Shutdown
X-RS
X-H
2
XH
H
3
X
X
inactive
set
The Control Bit is set
through the 4-Wire SPI
interface
Over-
Temperature
X-RS
X-H
2
XX
L
X
X
set
set
Temperature monitor
output asserted
(covered by scan)
2-Wire Interface
X
X
H-L
3
H-L
3
L
X
X
inactive
inactive
TX goes High to low
within Ttx_SP_trigger
Window.
2-Wire Interface
(This is a
testing
condition only)
Normal Mode
X
X
X
H
L
X
X
inactive
inactive
Completion of 2-Wire
Read/Write command
Temporary
Shutdown
X-RS
X-H
2
XX
H
3
X
X
inactive
set
Completion of 2-Wire
Write command to 0x05
Over-
Temperature
X-RS
X-H
2
XX
L
X
X
set
set
Temperature monitor
output asserted
(covered by scan)
Stand-By Mode
Normal (LW)
X
H-X
2
X
L-H
3
L
X
X
inactive
inactive
Normal (RW)
X
H-X
2
H
X
L
set
X
inactive
inactive Remote Wake up Event
occurred on LIN
Temporary
Shutdown
RS
H
2
HL
H
3
X
X
inactive
set
The Control Bit is set
through the 4-Wire SPI
interface
Over-
Temperature
RS
H
2
HL
L
X
X
set
set
Temperature monitor
output asserted
(covered by scan)
Temporary
Shutdown
Mode
Normal
RS-X
H-X
2
XX
L
X
X
inactive
clear
Internal 128ms timer
expired
Over-
Temperature
Mode
Normal
RS-X
H-X
2
X
X
L
X
X
clear
clear
Temperature monitor
output de-asserted
(covered by scan)
Sleep Mode
3
Normal
RS-X
H-X
2
X
X
L
set
X
inactive
clear
Remote Wake up Event
occurred on LIN
Over-
Temperature
RS
H
2
2. Effect of Transition
X
X
L
X
X
set
hold
Temperature monitor
output asserted
(covered by scan)
All States
Power Off
X
X
X
X
X
X
L-H
3
3. Cause for Transition
XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com