Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8525 Datasheet(PDF) 18 Page - ams AG

Part # AS8525
Description  LIN Transceiver with Voltage Regulators, Programmable Gain High Side Amplifier, and Voltage Attenuator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8525 Datasheet(HTML) 18 Page - ams AG

Back Button AS8525 Datasheet HTML 14Page - ams AG AS8525 Datasheet HTML 15Page - ams AG AS8525 Datasheet HTML 16Page - ams AG AS8525 Datasheet HTML 17Page - ams AG AS8525 Datasheet HTML 18Page - ams AG AS8525 Datasheet HTML 19Page - ams AG AS8525 Datasheet HTML 20Page - ams AG AS8525 Datasheet HTML 21Page - ams AG AS8525 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
www.ams.com/AS8525
Revision 2.3
17 - 37
AS8525
Datasheet - Detailed Descr i p ti on
7 Detailed Description
The following modules are described in detail under this section:

Programmable-Gain Amplifier (PGA) / Current-Sense Amplifier (CSA)

Voltage Attenuator

Voltage Regulators (LDO & ALDO)

LIN Transceiver

Temperature Monitor/Limiter

VSUP Under-Voltage Reset

RESET

VCC Under-Voltage Reset

Window Watchdog (WWD)

Timeout Watchdog (TWD)
7.1 Programmable-Gain Amplifier (PGA) / Current-Sense Amplifier (CSA)
The current-sense amplifier primarily serves the purpose of shifting the common-mode level of the signal from around the battery voltage to a low
voltage which is nominally half the regulated supply voltage. The input to the amplifier can be optionally chopped for offset and low-frequency
noise mitigation. As the name indicates, it also provides a programmable gain for the measurement of different battery current ranges which can
be programmed through SPI.
7.2 Voltage Attenuator
A resistive divider is used as a battery voltage attenuator. Like the amplifier, the attenuator can be enabled or disabled through SPI, and in the
device standby mode, we additionally need logic high on MEN pin for enabling. Internal reverse polarity protection is provided for VBAT pin.
Figure 5. Attenuator Implementation
7.3 Voltage Regulators (LDO & ALDO)
The device has two low-dropout voltage regulators, named LDO and ALDO, with one-time programmable 3.3V / 5V voltage outputs. The output
of the LDO is VCC and that of the ALDO is AVCC. The regulated voltage choice is common to both the regulators. The regulators are always ON
except when the device enters the sleep mode or over-temperature shutdown.
The two regulators have inbuilt short-circuit current limitation feature.
The regulators can be temporarily shut down for hard reset of the external circuitry by configuring the device to temporary shutdown mode
through SPI.
The LDO power-up happens when the POR-VSUP event occurs (RESET_VSUP_N switching from low to high), and the ALDO powers up when
POR-VCC event occurs (RESET_VCC_N switching from low to high). The start-up sequence is the same even after a temporary shutdown
phase. The ALDO will be switched off if there is an under-voltage on VCC, that is, when RESET_VCC_N switches back to low.
VBAT
VBAT_DIV
VBAT_DIVN
PD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com