Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8525 Datasheet(PDF) 8 Page - ams AG

Part # AS8525
Description  LIN Transceiver with Voltage Regulators, Programmable Gain High Side Amplifier, and Voltage Attenuator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8525 Datasheet(HTML) 8 Page - ams AG

Back Button AS8525 Datasheet HTML 4Page - ams AG AS8525 Datasheet HTML 5Page - ams AG AS8525 Datasheet HTML 6Page - ams AG AS8525 Datasheet HTML 7Page - ams AG AS8525 Datasheet HTML 8Page - ams AG AS8525 Datasheet HTML 9Page - ams AG AS8525 Datasheet HTML 10Page - ams AG AS8525 Datasheet HTML 11Page - ams AG AS8525 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
www.ams.com/AS8525
Revision 2.3
7 - 37
AS8525
Datasheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only, and functional operation of
the device at these or any other conditions beyond those indicated in Electrical Characteristics on page 8 is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Table 2. Absolute Maximum Ratings
Symbol
Parameter
Min
Typ
Max
Units
Comments
VSUP
Supply voltages
-0.3
42
V
Maximum allowed potential difference
between any two pins in the set HRSHH,
HRSHL and VSUP2 is 0.3V
VSUP2
-27
42
VBAT,
HRSHH,
HRSHL
Battery voltage inputs
-27
42
V
EN
Enable input
-0.3
42
V
VCC,
AVCC
Regulated output supplies
-0.3
7
V
LIN
LIN bus
-27
40
V
Analog & digital inputs and
outputs
-0.3
7
V
Iscr
Input current (latchup immunity)
-100
100
mA
Norm: AEC-Q100
ESD
Electrostatic Discharge
1
Norm: AEC-Q100
1. ESD Human Body model: R=1500
Ω and C=150pF
±2
kV
For VCC, AVCC, TX, RX, Reset, CS, SCLK,
SDO, SDI, EN, VBAT_DIV, VBAT_DIVN,
LRSHH, LRSHL, VBG_IN, CLK, INT, MEN
±4
VSUP, VSUP2, VBAT, HRSHH, HRSHL
±8
LIN to VSS1, HBM Model
±6
LIN to VSS1, IEC6100-4-2
±0.5
LIN to VSS1, CDM
±0.1
LIN to VSS1, MM
Ptot
Total operating power
dissipation (all supplies and
outputs)
1W
QFN 32 in still air, soldered on JEDEC
standard board @125º ambient, static
operation = no time limit
Ro
Package thermal resistance
25
ºC/W
Tstg
Storage temperature
-55
+150
ºC
Tbody
Package body temperature
+260
ºC
The reflow peak soldering temperature
(body temperature) is specified according
IPC/JEDEC J-STD-020C “Moisture/Reflow
Sensitivity Classification for Non hermetic
Solid State Surface Mount Devices”.
Humidity non-condensing
5
85
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com