Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8525 Datasheet(PDF) 36 Page - ams AG

Part # AS8525
Description  LIN Transceiver with Voltage Regulators, Programmable Gain High Side Amplifier, and Voltage Attenuator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8525 Datasheet(HTML) 36 Page - ams AG

Back Button AS8525 Datasheet HTML 30Page - ams AG AS8525 Datasheet HTML 31Page - ams AG AS8525 Datasheet HTML 32Page - ams AG AS8525 Datasheet HTML 33Page - ams AG AS8525 Datasheet HTML 34Page - ams AG AS8525 Datasheet HTML 35Page - ams AG AS8525 Datasheet HTML 36Page - ams AG AS8525 Datasheet HTML 37Page - ams AG AS8525 Datasheet HTML 38Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
www.ams.com/AS8525
Revision 2.3
35 - 37
AS8525
Datasheet - Revision Hist ory
Revision History
Note:
Typos may not be explicitly mentioned under revision history.
Revision
Date
Owner
Description
0.1
Oct 20, 2008
mbr
Initial revision
2.1
Nov 02, 2009
mbr
Updated the entire datasheet according to spec 2.1
2.2
Oct 11, 2012
mbr
Removed LDO 5V option, added Section 6.1 Characteristics of Digital Inputs
and Outputs
2.3
Nov 23, 2012
mbr
Updated Section 6.2.1 Programmable Gain Amplifier (PGA)
Dec 31, 2012
sju
Updated ordering table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com