Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8525 Datasheet(PDF) 12 Page - ams AG

Part # AS8525
Description  LIN Transceiver with Voltage Regulators, Programmable Gain High Side Amplifier, and Voltage Attenuator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8525 Datasheet(HTML) 12 Page - ams AG

Back Button AS8525 Datasheet HTML 8Page - ams AG AS8525 Datasheet HTML 9Page - ams AG AS8525 Datasheet HTML 10Page - ams AG AS8525 Datasheet HTML 11Page - ams AG AS8525 Datasheet HTML 12Page - ams AG AS8525 Datasheet HTML 13Page - ams AG AS8525 Datasheet HTML 14Page - ams AG AS8525 Datasheet HTML 15Page - ams AG AS8525 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
www.ams.com/AS8525
Revision 2.3
11 - 37
AS8525
Datasheet - Electrical Character i s t ics
6.2.2 VCMREF Generator
6.2.3 Voltage Attenuator
6.2.4 Voltage Regulators (LDO & ALDO)
Table 7. VCMREF Generator
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCMREF_AMP
Common-mode reference voltage
When AVCC=3.3V
1.55
1.65
1.75
V
When AVCC=5V
2.35
2.5
2.65
Table 8. Voltage Attenuator
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RDIV
Division ratio
481
V/V
VBAT
Input voltage range/
Battery voltage range
4.5
12
18
V
εp,RDIV
Ratio error
At room temperature, VBAT=12V
±1
%
εdt1,RDIV
Ratio drift
(w.r.t Temperature)
Temperature: -25 to +65ºC
@VBAT = 12V
±0.05
%
εdt2,RDIV
Temperature: -40 to +125ºC
@VBAT = 12V
±0.2
εdv1,RDIV
Ratio drift
(w.r.t VBAT)
VBAT: 11 to 13 V
@ Temperature = 27ºC
±0.05
%
εdv2,RDIV
VBAT: 6 to 18 V
@ Temperature = 27ºC
±0.2
Table 9. Voltage Regulators (LDO & ALDO)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VSUP
Input Supply Voltage
3.3V option
4.3
12
18
V
VCC
AVCC
Output Voltage Range
3.3V option
3.15
3.3
3.45
V
ILOAD
LDO Load Current
50
mA
ALDO Load Current
0.01
50
mA
ICC_SH
Output Short Circuit Current
Normal mode
250
mA
dVCC1
Line Regulation
ΔVCC / ΔVSUP for VSUP range
8
mV/V
LOREG
Load Regulation
ΔVCC / ΔICCn
(0.5mA < ILOAD < 50mA)
1mV/mA
CL1
Output Capacitor1 LDO
Electrolytic
2.2
10
µF
ESR1
110
Ω
CL2
Output Capacitor2 LDO
Ceramic
100
220
nF
ESR2
0.02
1
Ω
CL1
Output Capacitor1 ALDO
Electrolytic
2.2
5
µF
ESR1
110
Ω
CL2
Output Capacitor2 ALDO
Ceramic
100
220
nF
ESR2
0.02
1
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com