Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8525 Datasheet(PDF) 16 Page - ams AG

Part # AS8525
Description  LIN Transceiver with Voltage Regulators, Programmable Gain High Side Amplifier, and Voltage Attenuator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8525 Datasheet(HTML) 16 Page - ams AG

Back Button AS8525 Datasheet HTML 12Page - ams AG AS8525 Datasheet HTML 13Page - ams AG AS8525 Datasheet HTML 14Page - ams AG AS8525 Datasheet HTML 15Page - ams AG AS8525 Datasheet HTML 16Page - ams AG AS8525 Datasheet HTML 17Page - ams AG AS8525 Datasheet HTML 18Page - ams AG AS8525 Datasheet HTML 19Page - ams AG AS8525 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
www.ams.com/AS8525
Revision 2.3
15 - 37
AS8525
Datasheet - Electrical Character i s t ics
6.2.9 4-Wire Serial Port Interface
Table 15. 4-Wire Serial Port Interface
Symbol
Parameter
Conditions
Min
Typ
Max
Units
General
BRSPI
Bit rate
250
Kbps
TSCLKH
Clock high time
2
µs
TSCLKL
Clock low time
2
µs
Write Timing
tDIS
Data in setup time
20
ns
tDIH
Data in hold time
10
ns
TCSH
CS hold time
20
ns
Read Timing
tDOD
Data out delay
80
ns
tDOHZ
Data out to high impedance delay
Time for the SPI to release the SDO bus
80
ns
Timing parameters when entering 4-Wire SPI mode (for determination of CLK polarity)
tCPS
Clock setup time
(CLK polarity)
Setup time of SCLK with respect to CS
falling edge
20
ns
tCPHD
Clock hold time
(CLK polarity)
Hold time of SCLK with respect to CS
falling edge
20
ns
TSTNDY_trigger
TX high time from EN falling edge
To enter into Sleep/Standby mode
5
cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com