Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8525 Datasheet(PDF) 9 Page - ams AG

Part # AS8525
Description  LIN Transceiver with Voltage Regulators, Programmable Gain High Side Amplifier, and Voltage Attenuator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8525 Datasheet(HTML) 9 Page - ams AG

Back Button AS8525 Datasheet HTML 5Page - ams AG AS8525 Datasheet HTML 6Page - ams AG AS8525 Datasheet HTML 7Page - ams AG AS8525 Datasheet HTML 8Page - ams AG AS8525 Datasheet HTML 9Page - ams AG AS8525 Datasheet HTML 10Page - ams AG AS8525 Datasheet HTML 11Page - ams AG AS8525 Datasheet HTML 12Page - ams AG AS8525 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
www.ams.com/AS8525
Revision 2.3
8 - 37
AS8525
Datasheet - Electrical Character i s t ics
6 Electrical Characteristics
6.1 Characteristics of Digital Inputs and Outputs
All pull-up, pull-downs have been implemented with active devices. RX, SDO, RESET have been measured with 100pF load.
Table 3. Operating Conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VSUP
Supply voltages
3.3V Regulators option after power-on reset
4.3
18
V
3.3V Regulators option for power-on reset
6
5V Regulators option
6
VSUP2
4.5
18
V
VBAT,
HRSHH,
HRSHL
Battery voltage inputs
4.5
18
V
ΔVHiSide
Difference between any two pins in
the set HRSHH, HRSHL and VSUP2
±0.2
V
LIN
LIN bus
018
V
EN
Enable input
018
V
VCC,
AVCC
Regulated output supplies
3.3V LDO supply option
0
3.6
V
ΔVCC
Difference in regulated supplies
±0.2
V
VBG_IN
Bandgap reference input
01.32
V
Analog & digital inputs and outputs
3.3V LDO supply option
0
3.6
V
TAMB
Ambient temperature
Maximum junction temperature (TJ)=150ºC
-40
+125
ºC
Isup
Supply Current
Though the two regulators are individually
capable of 50mA, the total current is limited.
65
mA
Table 4. Characteristics of Digital Inputs and Outputs
Symbol
Parameter
Conditions
Min
Typ
Max
Units
EN Input
VIH
High level input voltage
0.8*VCC
V
VIL
Low level input voltage
0.2*VCC
V
ILEAK
Input leakage current
EN=VSS
-1
+1
µA
Ipd_en
Pull down current
EN=VCC=5V
30
100
µA
TX, CS, INT Inputs
VIH
High level input voltage
0.8*VCC
V
VIL
Low level input voltage
0.2*VCC
V
ILEAK
Input leakage current
TX=VCC
-1
+1
µA
Ipu
Pull up current
TX,CS, INTN pulled down to VSS
-30
-100
µA
SDI, SCLK, CLK, MEN Inputs
VIH
High level input voltage
0.8*VCC
V
VIL
Low level input voltage
0.2*VCC
V
ILEAK
Input leakage current
-1
+1
µA
Ipd_spi
Pull down current
SDI, SCLK, CLK, MEN pulled up to VCC
30
100
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com