Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8525 Datasheet(PDF) 33 Page - ams AG

Part # AS8525
Description  LIN Transceiver with Voltage Regulators, Programmable Gain High Side Amplifier, and Voltage Attenuator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8525 Datasheet(HTML) 33 Page - ams AG

Back Button AS8525 Datasheet HTML 29Page - ams AG AS8525 Datasheet HTML 30Page - ams AG AS8525 Datasheet HTML 31Page - ams AG AS8525 Datasheet HTML 32Page - ams AG AS8525 Datasheet HTML 33Page - ams AG AS8525 Datasheet HTML 34Page - ams AG AS8525 Datasheet HTML 35Page - ams AG AS8525 Datasheet HTML 36Page - ams AG AS8525 Datasheet HTML 37Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
www.ams.com/AS8525
Revision 2.3
32 - 37
AS8525
Datasheet - Application In form atio n
8.9.1 Register Definitions
A total of 32 registers, each of 8-bits which include configuration, diagnostic, and backup are available. The registers can be accessed using the
2-wire or the 4-wire serial interface. Table 21 provides a description of all registers.
Table 21. Registers
Addr
Register Name Default Value
RD/WR
Description
Configuration and Control Registers
0x00
Reserved
0x01
Reserved
0 x 02
Reserved
0 x 03
Device
Configuration
Register
On POR_VCC
0000_1100
RD/WR
D0 Reserved
D1 Reserved
D2 Enable/Disable Over-Temperature Monitor. (0-Disabled, 1-Enabled)
D3 Enable/Disable LIN Transceiver. (0-Disabled, 1-Enabled)
D4- D7 Reserved
0 x 04
Device Control
Register
On POR_VSUP
0000_0001
RD/WR
D0 High Slew / Low Slew control.
1 High Slew mode
0 Low Slew Mode
D1- D7 Reserved
0 x 05
Temporary
Shutdown
Register
On POR_VCC
0000_0000
RD/WR
D0 Temporary shutdown control bit
1 Enter temporary shutdown
D1- D7 Reserved
0 x 06
Window Watch
Dog Trigger
Register
On POR_VCC
0000_0000
WR
D0 Window Watchdog Trigger
D1 Timeout Watchdog trigger bit
Upon a trigger, the bit will be cleared within 2 internal clock cycles.
D2- D7 Reserved
0 x 07
Reserved
0x0A
Signal Path
Control Register
On POR_VCC
0000_0000
RD/WR
D0 Reserved
D1 Enable/Disable current channel chopper (0 Disabled, 1 Enabled)
D2 Reserved
D3 Reserved
D4 Enable/Disable voltage attenuator (0 Disabled, 1 Enabled)
D5 Enable/Disable PGA (0 Disabled, 1 Enabled)
D6-D7 PGA gain selection
10 00 Gain-5, 01 Gain-25, 10 Gain-50, 11 Gain-100
0x0B
Reserved
0x0C
Reserved
0x0D
Reserved
0x0E
Watchdog Timer
Control Register
On POR_VCC
0000_0000
RD/WR
D0 Timer resolution
0 1 second, 1 32 seconds
D1-D7 Timeout period
If D0=1, then timeout period = D[7:1]*64*0.512 seconds, else timeout period =
D[7:1]*0.512 seconds
0x0F
Reserved
Backup Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com