Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8525 Datasheet(PDF) 2 Page - ams AG

Part # AS8525
Description  LIN Transceiver with Voltage Regulators, Programmable Gain High Side Amplifier, and Voltage Attenuator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8525 Datasheet(HTML) 2 Page - ams AG

  AS8525 Datasheet HTML 1Page - ams AG AS8525 Datasheet HTML 2Page - ams AG AS8525 Datasheet HTML 3Page - ams AG AS8525 Datasheet HTML 4Page - ams AG AS8525 Datasheet HTML 5Page - ams AG AS8525 Datasheet HTML 6Page - ams AG AS8525 Datasheet HTML 7Page - ams AG AS8525 Datasheet HTML 8Page - ams AG AS8525 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
AS8525
LIN Transceiver with Voltage Regulators, Programmable Gain High
Side Amplifier, and Voltage Attenuator
www.ams.com/AS8525
Revision 2.3
1 - 37
1 General Description
The AS8525 is a companion IC for automotive battery sensor
systems for both low-side and high-side current sensing
applications.
The device provides two regulated 3.3V (or 5V) supplies from the
battery supply, attenuated battery voltage in differential form, and
amplified version of a high-side current-sense element’s voltage with
a translated common-mode voltage. The device also communicates
the system output to a LIN bus.
AS8525 is designed in a high-voltage 0.35µm CMOS process and
packaged on QFN-32.
2 Key Features

Operating voltage 4.3V to 18V, max. 42V for 500 ms

Two linear low-drop voltage regulators: VCC = 3.3V or 5V as a
factory programming option with 50mA drive capability

Typical 50µA quiescent current in standby mode

Typical 35µA quiescent current in sleep mode

Precision voltage attenuator with power down facility
- 0.2% ratio drift accuracy and disable

Precision fully-differential programmable gain amplifier (PGA)
- High-voltage to low-voltage common-mode translation
- Gain steps 5, 25, 50, 100

LIN bus transceiver
- Load independent slew control conforming to LIN 2.1
- Short circuit protection
- TX time out fail safe feature
- Over temperature warning and shut down

Power-On Reset with OTP adjustable reset timeout and brown-
out detection

Over temperature warning & shutdown functions

Operating modes: Normal, Standby, Sleep, Temporary shut
down

Microcontroller 4-wire interface

RC oscillator and programmable timer

Optional window watchdog in normal mode and time-out
watchdog in standby mode

8 backup registers to store MCU data during VCC shut down

Load dump protection for all battery supplied pins, LIN bus pin
and Enable pin

Internal reverse polarity protection (up to -27V) for all battery-
sensing pins and LIN bus pin

Chip ID for traceability

-40ºC to +125ºC ambient operating temperature

32-pin QFN (5x5) package
3 Applications
The AS8525 is suitable for LIN networked 14V battery sensor slaves
for current measurement in positive battery power rail (high side) or
in minus rail (PGA is left un-used in that case).
The device is also ideal for general purpose system basis chip for
actuator LIN slaves with battery voltage sensing and actuator high
side current sensing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com