Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8525 Datasheet(PDF) 11 Page - ams AG

Part # AS8525
Description  LIN Transceiver with Voltage Regulators, Programmable Gain High Side Amplifier, and Voltage Attenuator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8525 Datasheet(HTML) 11 Page - ams AG

Back Button AS8525 Datasheet HTML 7Page - ams AG AS8525 Datasheet HTML 8Page - ams AG AS8525 Datasheet HTML 9Page - ams AG AS8525 Datasheet HTML 10Page - ams AG AS8525 Datasheet HTML 11Page - ams AG AS8525 Datasheet HTML 12Page - ams AG AS8525 Datasheet HTML 13Page - ams AG AS8525 Datasheet HTML 14Page - ams AG AS8525 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
www.ams.com/AS8525
Revision 2.3
10 - 37
AS8525
Datasheet - Electrical Character i s t ics
6.2.1 Programmable Gain Amplifier (PGA)
Table 6. Programmable Gain Amplifier (PGA)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
G1
Gain
DC gain
5
V/V
G2
25
G3
50
G4
100
VIN_AMP
Input signal range
V(HRSHH)-V(HRSHL)
Gx represents typical gain value (x=1,2,3,4)
after Offset trimming
±0.18*5/
Gx
V
VICM_AMP
Input common-mode voltage
V(HRSHH), VSUP2
4.5
12
18
V
VOCM_AMP
Output common-mode voltage
When AVCC=3.3V
Only for information
1.5
1.65
1.8
V
When AVCC=5V
Only for information
2.3
2.5
2.7
εp1,G
Gain error
Temperature: -40 to +125ºC
@ VSUP2 = 18V
Post system calibration
±0.5
%
εp2,G
At room temperature
V(HRSHH), VSUP2=12V
Without system calibration
±5
%
TSettle_AMP
Time for settling to within 0.05%
final value
Includes the settling of chopper
45
µs
f-3dB AMP
3-dB bandwidth
G1
650
kHz
G2
250
G3
150
G4
75
VNDin_AMP
Input referred thermal noise density
(rms)
This excludes 1/f noise
Guaranteed by design
35
nV/
√Hz
THDAMP
Total harmonic distortion
Till 500Hz single-ended sinusoidal inputs
(after offset trimming).
Guaranteed by design
70
dB
CL_AMP
Load capacitance
Single ended (Includes the capacitance
presented by the pad and pin of the host
chip)
100
pF
VBG_AMP
Bandgap reference voltage
External low noise reference
1.176
1.2
1.224
V
VNDBG_AMP
Bandgap reference thermal noise
density
When noise bandwidth < signal bandwidth,
take it as 200nV/
√Hz (Noise Bandwidth /
Signal Bandwidth)
200
nV/
√Hz
VOSin_AMP
Input referred offset before
trimming
Refers to the standalone amplifier without
chopper stabilization
±37.5
mV
VOSinT_AMP
Input referred offset after trimming
Refers to the standalone amplifier without
chopper stabilization;
Only at room temperature
±1.5
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com